Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD035OX1 Datasheet(PDF) 21 Page - AZ Displays

Part # PD035OX1
Description  This technical specification applies to 3.5inch color TFT-LCD panel PD035OX1.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035OX1 Datasheet(HTML) 21 Page - AZ Displays

Back Button PD035OX1 Datasheet HTML 17Page - AZ Displays PD035OX1 Datasheet HTML 18Page - AZ Displays PD035OX1 Datasheet HTML 19Page - AZ Displays PD035OX1 Datasheet HTML 20Page - AZ Displays PD035OX1 Datasheet HTML 21Page - AZ Displays PD035OX1 Datasheet HTML 22Page - AZ Displays PD035OX1 Datasheet HTML 23Page - AZ Displays PD035OX1 Datasheet HTML 24Page - AZ Displays PD035OX1 Datasheet HTML 25Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
! "# $ "
%
%
#
#
! "# $ "
&'()*
>:5 " "66 6 =7! )B# !
"2 D>;<5:
6 ! E
0
$ % &
$
1
"
(
, ' ! &
*
;
*
>*
" "
' !
+
5
*
*
" " .6& !
5
*
*
' ! &
*
:=
*
'6 0!& .
*
! ! 9 !
*
*
4
"66! 9 !
*
*
% '6 0!& .
%
%
! ! 9 !
%
*
*
4
%
"66! 9 !
%
*
*
%
"66! 9
! ! 9 !
&& ! 6&
%
*
*
%
"66! 9
"66! 9 !
1
! 6&
%
*
*
% *
!
%
*
=
*
*
!
;
;=
==
'6 0!& .
*
5
*
*
!
*
*
% ' ! &
*
5;5
*
>*
-.
K
& !
&(
&" " "
;=
.
, "
"66! 9
>:
);/;;
"2
0
$ % &
$
1
"
(
, ' ! &
*
4
*
" "
' !
+
5
*
*
" " .6& !
5
*
*
>:: " &0"
! ! 9
0
$ % &
$
1
"
(
)
# 6 0 '6 0!& .
) #
5
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com