Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CA12949 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12949
Description  ~50째 x 11째 oval beam
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12949 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12949 Datasheet HTML 1Page - Ledil, Inc. CA12949 Datasheet HTML 2Page - Ledil, Inc. CA12949 Datasheet HTML 3Page - Ledil, Inc. CA12949 Datasheet HTML 4Page - Ledil, Inc. CA12949 Datasheet HTML 5Page - Ledil, Inc. CA12949 Datasheet HTML 6Page - Ledil, Inc. CA12949 Datasheet HTML 7Page - Ledil, Inc. CA12949 Datasheet HTML 8Page - Ledil, Inc. CA12949 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT
DATASHEET
CA12949_HEIDI-O
HEIDI-O
~50° x 11° oval beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
11.7 mm
Fastening
tape, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
HEIDI-O
Single lens
PMMA
clear
HEIDI-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA12949_HEIDI-O
» Box size: 480 x 280 x 300 mm
Single lens
3264
204
204
11.1
Last update: 07/06/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/9


Similar Part No. - CA12949

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12949 CREE-CA12949 Datasheet
740Kb / 15P
Heidi series
More results

Similar Description - CA12949

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F13402 LEDIL-F13402 Datasheet
18Mb / 33P
~50째 wide beam
FN15993 LEDIL-FN15993 Datasheet
11Mb / 7P
~50째 30째 oval beam with holder A compatible
FN15997 LEDIL-FN15997 Datasheet
13Mb / 5P
~50째 30째 oval beam with holder B compatible
FP11853 LEDIL-FP11853 Datasheet
2Mb / 3P
~20째 x 50째 oval beam optimized for LUXEON Rebel. Variant with beam direction rotated 90째.
C10387 LEDIL-C10387 Datasheet
1Mb / 4P
~50째 wide beam
DAISY-8X1-W-MATT LEDIL-DAISY-8X1-W-MATT Datasheet
3Mb / 5P
~50째 wide beam
FP11851 LEDIL-FP11851 Datasheet
1Mb / 6P
~20째 x 50째 oval beam.
FP16563 LEDIL-FP16563 Datasheet
2Mb / 9P
~18째 x 50째 oval beam with location pininstallation
CA17117 LEDIL-CA17117 Datasheet
2Mb / 5P
~15째 50째 oval beam
FA11207 LEDIL-FA11207 Datasheet
2Mb / 6P
~50째 wide beam
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com