Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F15216 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F15216
Description  ~90째 rectangular beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15216 Datasheet(HTML) 1 Page - Ledil, Inc.

  F15216 Datasheet HTML 1Page - Ledil, Inc. F15216 Datasheet HTML 2Page - Ledil, Inc. F15216 Datasheet HTML 3Page - Ledil, Inc. F15216 Datasheet HTML 4Page - Ledil, Inc. F15216 Datasheet HTML 5Page - Ledil, Inc. F15216 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
F15216_FLORENCE-1R-GC-Z90
FLORENCE-1R-GC-Z90
~90° rectangular beam
TECHNICAL SPECIFICATIONS:
Dimensions
282.6 x 19.0 mm
Height
8.3 mm
Fastening
clips
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
FLORENCE-1R-GC-Z90
Linear lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
F15216_FLORENCE-1R-GC-Z90
» Box size: 398 x 298 x 265 mm
165
45
15
6.4
Last update: 23/11/2019
Subject to change without prior notice
Published: 25/09/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - F15216

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
F15216 CREE-F15216 Datasheet
1Mb / 9P
Florence series
More results

Similar Description - F15216

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16371 LEDIL-C16371 Datasheet
1Mb / 4P
~90째 beam
CS16593 LEDIL-CS16593 Datasheet
6Mb / 5P
~90째 wide beam
F16007 LEDIL-F16007_18 Datasheet
7Mb / 7P
~90째 wide beam
C16669 LEDIL-C16669 Datasheet
18Mb / 4P
~90째 wide beam
C16613 LEDIL-C16613 Datasheet
2Mb / 4P
~90째 wide beam
F16636 LEDIL-F16636 Datasheet
5Mb / 6P
~60째 90째 beam
CS16781 LEDIL-CS16781 Datasheet
2Mb / 5P
~90째 wide beam
F16455 LEDIL-F16455 Datasheet
5Mb / 5P
~90째 wide beam
C13526 LEDIL-C13526 Datasheet
1Mb / 4P
~90째 wide beam
CS17134 LEDIL-CS17134 Datasheet
18Mb / 4P
~90째 wide beam.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com