Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2128LT3G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LP2128LT3G
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP2128LT3G Datasheet(HTML) 3 Page - Leshan Radio Company

  LP2128LT3G Datasheet HTML 1Page - Leshan Radio Company LP2128LT3G Datasheet HTML 2Page - Leshan Radio Company LP2128LT3G Datasheet HTML 3Page - Leshan Radio Company LP2128LT3G Datasheet HTML 4Page - Leshan Radio Company LP2128LT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LP2128LT1G
20V P-Channel Enhancement-Mode MOSFET
Leshan Radio Company, LTD.
7.ELECTRICAL CHARACTERISTICS CURVES
0
0.01
0.02
0.03
0.04
0.05
0.06
1
2
3
4
5
ID(A)
VGS=1.8V
VGS=2.5V
VGS=4.5V
0.001
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1.0
VSD(V)
150
℃
25
℃
-55
℃
0
1
2
3
4
5
6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VGS(V)
VDS=10V
150
℃
25
℃
-55
℃
0
1
2
3
4
5
0
2
4
6
8
10
VDS(V)
VGS=1.0V
VGS=1.1V
VGS=1.2V
VGS=1.3V
VGS=1.4V
VGS=1.5V,2V,5V
ID vs. VDS
ID vs. VGS
IS vs. VSD
RDS(on) vs. ID
Rev.B Jan. 2020
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com