Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CA13631 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA13631
Description  ~40째 x 13째 oval beam
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13631 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA13631 Datasheet HTML 1Page - Ledil, Inc. CA13631 Datasheet HTML 2Page - Ledil, Inc. CA13631 Datasheet HTML 3Page - Ledil, Inc. CA13631 Datasheet HTML 4Page - Ledil, Inc. CA13631 Datasheet HTML 5Page - Ledil, Inc. CA13631 Datasheet HTML 6Page - Ledil, Inc. CA13631 Datasheet HTML 7Page - Ledil, Inc. CA13631 Datasheet HTML 8Page - Ledil, Inc. CA13631 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PRODUCT
DATASHEET
CA13631_G2-LAURA-O-P
G2-LAURA-O-P
~40° x 13° oval beam. Assembly with thinner
white holder, installation tape and location pins.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 mm
Height
13.1 mm
Fastening
tape, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LAURA-O
Single lens
PMMA
clear
LAURA-LT-PIN-XP-HLD-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA13631_G2-LAURA-O-P
» Box size: 451 x 254 x 152 mm
Single lens
1440
360
180
6.0
Last update: 07/03/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/12


Similar Part No. - CA13631

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA13631 CREE-CA13631 Datasheet
2Mb / 37P
Laura series
More results

Similar Description - CA13631

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14250 LEDIL-C14250 Datasheet
4Mb / 5P
~40째 20째 oval beam
CA14403 LEDIL-CA14403 Datasheet
2Mb / 5P
~40째 x 15째 oval beam
CN11533 LEDIL-CN11533 Datasheet
3Mb / 4P
~40째 x 30째 infrared oval beam
CP12635 LEDIL-CP12635 Datasheet
5Mb / 5P
~40째 x 12째 oval beam
CP12857 LEDIL-CP12857 Datasheet
1Mb / 4P
~40째 x 15째 oval beam optimized
CA13637 LEDIL-CA13637 Datasheet
3Mb / 7P
~15째 x 40째 oval beam
CP12942 LEDIL-CP12942 Datasheet
6Mb / 10P
~40째 x 20째 oval beam
CP12943 LEDIL-CP12943 Datasheet
4Mb / 9P
~40째 x 20째 oval beam
C16673 LEDIL-C16673 Datasheet
2Mb / 5P
~20째 40째 oval beam
CP17590 LEDIL-CP17590 Datasheet
1Mb / 4P
~10째 x 40째 oval beam
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com