Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CA13633 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA13633
Description  ~65째 wide beam.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13633 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA13633 Datasheet HTML 1Page - Ledil, Inc. CA13633 Datasheet HTML 2Page - Ledil, Inc. CA13633 Datasheet HTML 3Page - Ledil, Inc. CA13633 Datasheet HTML 4Page - Ledil, Inc. CA13633 Datasheet HTML 5Page - Ledil, Inc. CA13633 Datasheet HTML 6Page - Ledil, Inc. CA13633 Datasheet HTML 7Page - Ledil, Inc. CA13633 Datasheet HTML 8Page - Ledil, Inc. CA13633 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT
DATASHEET
CA13633_G2-LAURA-WW-P
G2-LAURA-WW-P
~65° wide beam. Assembly with thinner white
holder, installation tape and location pins.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 mm
Height
13.1 mm
Fastening
tape, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LAURA-WW
Single lens
PMMA
LAURA-LT-PIN-XP-HLD-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA13633_G2-LAURA-WW-P
» Box size:
Single lens
360
180
5.7
Last update: 11/07/2018
Subject to change without prior notice
Published: 11/07/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/10


Similar Part No. - CA13633

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA13633 CREE-CA13633 Datasheet
1Mb / 29P
Laura series
More results

Similar Description - CA13633

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10244 LEDIL-CA10244_18 Datasheet
2Mb / 4P
~65째 wide beam. Assembly with tape.
CA10241 LEDIL-CA10241 Datasheet
2Mb / 4P
~65째 wide beam. Assembly with installation tape.
CP13069 LEDIL-CP13069 Datasheet
2Mb / 5P
~65째 65째 rectangular beam
CS15765 LEDIL-CS15765 Datasheet
5Mb / 6P
~65째 wide beam. New revision.
C13413 LEDIL-C13413 Datasheet
2Mb / 8P
~65째 wide beam with 7 optics
CA11978 LEDIL-CA11978 Datasheet
2Mb / 4P
~65째 wide beam optimized for Nichia 19.
CP12637 LEDIL-CP12637 Datasheet
3Mb / 5P
~65째 wide beam
C16735 LEDIL-C16735 Datasheet
2Mb / 4P
~65째 wide beam
DAISY-MINI-WW LEDIL-DAISY-MINI-WW Datasheet
2Mb / 6P
~65째 wide beam
C12359 LEDIL-C12359 Datasheet
1Mb / 5P
~65째 wide beam
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com