Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP12634 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP12634
Description  ~11째 smooth spot beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP12634 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP12634 Datasheet HTML 1Page - Ledil, Inc. CP12634 Datasheet HTML 2Page - Ledil, Inc. CP12634 Datasheet HTML 3Page - Ledil, Inc. CP12634 Datasheet HTML 4Page - Ledil, Inc. CP12634 Datasheet HTML 5Page - Ledil, Inc. CP12634 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
CP12634_LAURA-SS-PG
LAURA-SS-PG
~11° smooth spot beam. Assembly with white
holder and location pins.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 mm
Height
13.1 mm
Fastening
glue, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LAURA-SS
Single lens
PMMA
LAURA-HLD-PIN
Holder
PC
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CP12634_LAURA-SS-PG
» Box size: 480 x 280 x 300 mm
Single lens
1960
294
98
10.9
Last update: 29/05/2018
Subject to change without prior notice
Published: 11/07/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - CP12634

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP12634 CREE-CP12634 Datasheet
847Kb / 13P
Laura series
More results

Similar Description - CP12634

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10321 LEDIL-CA10321 Datasheet
2Mb / 4P
~9째 smooth spot beam
FCP15343 LEDIL-FCP15343 Datasheet
6Mb / 6P
~16째 smooth spot beam
C16123 LEDIL-C16123 Datasheet
2Mb / 4P
~11째 spot beam with flange
CA11977 LEDIL-CA11977 Datasheet
1Mb / 4P
~11째 smooth spot beam optimized for Nichia 19.
CX11645 LEDIL-CX11645 Datasheet
4Mb / 4P
~11째 smooth spot beam optimized for LUXEON Rebel
CA11387 LEDIL-CA11387 Datasheet
1Mb / 7P
~11째 smooth spot beam
CA11643 LEDIL-CA11643 Datasheet
1Mb / 6P
~11째 smooth spot beam optimized for CREE XP-E.
CA12011 LEDIL-CA12011 Datasheet
2Mb / 9P
~11째 smooth spot beam optimized for CREE XP-E.
CA13630 LEDIL-CA13630 Datasheet
8Mb / 11P
~11째 smooth spot beam
C11192 LEDIL-C11192 Datasheet
2Mb / 9P
~12째 smooth spot beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com