Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP10641 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP10641
Description  ~20째 smooth spot beam optimized for CREE XP-E
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP10641 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP10641 Datasheet HTML 1Page - Ledil, Inc. CP10641 Datasheet HTML 2Page - Ledil, Inc. CP10641 Datasheet HTML 3Page - Ledil, Inc. CP10641 Datasheet HTML 4Page - Ledil, Inc. CP10641 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CP10641_LISA-SS
LISA-SS
~20° smooth spot beam optimized for CREE
XP-E
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 10.8 mm
Height
7.3 mm
Fastening
glue
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LISA-R1-SS
Single lens
PMMA
clear
LISA-XP-HLD
Holder
PC
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CP10641_LISA-SS
» Box size: 254 x 298 x 241 mm
Single lens
10000
300
100
6.6
Last update: 21/12/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - CP10641

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP10641 CREE-CP10641 Datasheet
413Kb / 5P
Lisa series
More results

Similar Description - CP10641

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12816 LEDIL-CA12816 Datasheet
4Mb / 5P
~8.5째 spot beam optimized for CREE XP-E
CA11481 LEDIL-CA11481 Datasheet
2Mb / 7P
~9.6째 spot beam optimized for CREE XP-E.
CA11643 LEDIL-CA11643 Datasheet
1Mb / 6P
~11째 smooth spot beam optimized for CREE XP-E.
CA11959 LEDIL-CA11959 Datasheet
1Mb / 10P
~8째 spot beam optimized for CREE XP-E
CA12011 LEDIL-CA12011 Datasheet
2Mb / 9P
~11째 smooth spot beam optimized for CREE XP-E.
CP11627 LEDIL-CP11627 Datasheet
2Mb / 6P
~15째 spot beam optimized for CREE XP-E
FA11739 LEDIL-FA11739 Datasheet
2Mb / 5P
~8.5째 spot beam optimized for CREE XP-E
FP11075 LEDIL-FP11075 Datasheet
1Mb / 6P
~20째 medium beam optimized for CREE XP-E.
FP11085 LEDIL-FP11085 Datasheet
1Mb / 6P
~19째 spot beam optimized for CREE XP-E.
FA10667 LEDIL-FA10667 Datasheet
1Mb / 5P
~15째 smooth spot beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com