Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FCA12792 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCA12792
Description  ~25째 medium beam optimized for CREE XP-E.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCA12792 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCA12792 Datasheet HTML 1Page - Ledil, Inc. FCA12792 Datasheet HTML 2Page - Ledil, Inc. FCA12792 Datasheet HTML 3Page - Ledil, Inc. FCA12792 Datasheet HTML 4Page - Ledil, Inc. FCA12792 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FCA12792_IRIS-M
IRIS-M
~25° medium beam optimized for CREE XP-E.
Assembly with holder, sublens and installation
tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 38.0 mm
Height
28.6 mm
Fastening
tape, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
IRIS
Single lens
PMMA
clear
IRIS-XP-HLD
Holder
PC
black
SPUTNIK-TAPE
Tape
PU tape
black
LEDILSTAR-SUB
Sublens
PC
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FCA12792_IRIS-M
» Box size: 480 x 280 x 300 mm
Single lens
378
126
42
9.0
Last update: 06/06/2018
Subject to change without prior notice
Published: 08/07/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - FCA12792

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCA12792 CREE-FCA12792 Datasheet
303Kb / 7P
Iris series
More results

Similar Description - FCA12792

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10645 LEDIL-FA10645_18 Datasheet
2Mb / 6P
~30째 medium beam optimized for CREE XP-E.
CA12377 LEDIL-CA12377_18 Datasheet
9Mb / 11P
~30째 medium beam optimized for CREE XP-E.
CA11355 LEDIL-CA11355 Datasheet
1Mb / 6P
~30째 medium beam optimized for CREE XP-E.
CA11483 LEDIL-CA11483 Datasheet
2Mb / 7P
~25째 medium beam optimized for CREE XP-E.
CA11837 LEDIL-CA11837 Datasheet
2Mb / 10P
~30째 medium beam optimized for CREE XP-E
FA10660 LEDIL-FA10660 Datasheet
2Mb / 7P
~25째 medium beam optimized for CREE XP-E
FA11450 LEDIL-FA11450 Datasheet
1Mb / 5P
~30째 medium beam optimized for CREE XP-E
FP11075 LEDIL-FP11075 Datasheet
1Mb / 6P
~20째 medium beam optimized for CREE XP-E.
FA10665 LEDIL-FA10665 Datasheet
1Mb / 5P
~30째 medium beam optimized for CREE XP-E.
CA11017 LEDIL-CA11017 Datasheet
2Mb / 7P
~30째 medium beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com