Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FCN12103 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCN12103
Description  ~5째 spot beam with holder optimized for CREE XM-L
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCN12103 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCN12103 Datasheet HTML 1Page - Ledil, Inc. FCN12103 Datasheet HTML 2Page - Ledil, Inc. FCN12103 Datasheet HTML 3Page - Ledil, Inc. FCN12103 Datasheet HTML 4Page - Ledil, Inc. FCN12103 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FCN12103_IRIS-SCREW
IRIS-SCREW
~5° spot beam with holder optimized for CREE
XM-L. Assembly with screws.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 38.0 mm
Height
27.3 mm
Fastening
glue, pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
IRIS
Single lens
PMMA
clear
IRIS-XM-HLD
Holder
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FCN12103_IRIS-SCREW
» Box size:
Single lens
360
90
90
0.0
Last update: 05/06/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - FCN12103

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN12103 CREE-FCN12103 Datasheet
205Kb / 4P
Iris series
More results

Similar Description - FCN12103

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP13682 LEDIL-CP13682_18 Datasheet
2Mb / 4P
~20째 spot beam optimized for CREE XM-L RGB. Assembly with holder.
FA11908 LEDIL-FA11908_18 Datasheet
3Mb / 4P
~15째 smooth spot beam optimized for CREE XM-L. Assembly with white holder.
FA11909 LEDIL-FA11909_18 Datasheet
3Mb / 4P
~11째 spot beam optimized for CREE XM-L. Assembly with white holder.
FA11910 LEDIL-FA11910_18 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for CREE XM-L. Assembly with white holder.
FA12620 LEDIL-FA12620_18 Datasheet
2Mb / 4P
~50째 wide beam optimized for CREE XM-L. Assembly with white holder.
FCN12076 LEDIL-FCN12076 Datasheet
6Mb / 10P
~5째 real spot beam with holder optimized for CREE XP-E. Assembly with screws.
FCA12077 LEDIL-FCA12077 Datasheet
5Mb / 14P
~5째 real spot beam optimized for CREE XP-E
FCA12104 LEDIL-FCA12104 Datasheet
5Mb / 6P
~5째 real spot beam optimized for CREE XM-L.
FA11938 LEDIL-FA11938 Datasheet
1Mb / 5P
~14째 diffused spot beam optimized for CREE XM-L
FA11937 LEDIL-FA11937 Datasheet
1Mb / 5P
~9.6째 spot beam optimized for CREE XM-L.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com