Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FP11429 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FP11429
Description  ~80째 wide beam
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP11429 Datasheet(HTML) 1 Page - Ledil, Inc.

  FP11429 Datasheet HTML 1Page - Ledil, Inc. FP11429 Datasheet HTML 2Page - Ledil, Inc. FP11429 Datasheet HTML 3Page - Ledil, Inc. FP11429 Datasheet HTML 4Page - Ledil, Inc. FP11429 Datasheet HTML 5Page - Ledil, Inc. FP11429 Datasheet HTML 6Page - Ledil, Inc. FP11429 Datasheet HTML 7Page - Ledil, Inc. FP11429 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT
DATASHEET
FP11429_LISA2-WWW-PIN
LISA2-WWW-PIN
~80° wide beam. 7.0 mm high variant with
location pin installation.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 9.9 mm
Height
7 mm
Fastening
glue, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LISA2-WWW
Single lens
PMMA
clear
LISA2-HLD-PIN
Holder
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FP11429_LISA2-WWW-PIN
» Box size:
Single lens
2000
100
1.4
Last update: 23/05/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/8


Similar Part No. - FP11429

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FP11429 CREE-FP11429 Datasheet
702Kb / 11P
Lisa series
More results

Similar Description - FP11429

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14472 LEDIL-C14472 Datasheet
3Mb / 6P
~80째 wide beam
C13806 LEDIL-C13806 Datasheet
18Mb / 27P
~80째 wide beam
CN16586 LEDIL-CN16586 Datasheet
6Mb / 4P
~80째 wide beam
CN16604 LEDIL-CN16604 Datasheet
3Mb / 5P
~80째 wide beam
CN17387 LEDIL-CN17387 Datasheet
4Mb / 4P
~80째 wide beam
DAISY-2X2-WW LEDIL-DAISY-2X2-WW Datasheet
5Mb / 7P
~80째 wide beam
DAISY-2X2-WW-D LEDIL-DAISY-2X2-WW-D Datasheet
5Mb / 6P
~80째 wide beam. Variant with diffused lenses.
DAISY-7X1-WW LEDIL-DAISY-7X1-WW Datasheet
10Mb / 9P
~80째 wide beam
DAISY-28X1-WW LEDIL-DAISY-28X1-WW Datasheet
10Mb / 10P
~80째 wide beam. Variant with 4X1 lenses.
DAISY-8X1-WW-MATT LEDIL-DAISY-8X1-WW-MATT Datasheet
3Mb / 5P
~80째 wide beam
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com