Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FP17002 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FP17002
Description  ~25째 wide beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP17002 Datasheet(HTML) 1 Page - Ledil, Inc.

  FP17002 Datasheet HTML 1Page - Ledil, Inc. FP17002 Datasheet HTML 2Page - Ledil, Inc. FP17002 Datasheet HTML 3Page - Ledil, Inc. FP17002 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FP17002_SAKURA-70-M
SAKURA-70-M
~25° wide beam. Assembly with installation
adapter.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 69.0 mm
Height
33.3 mm
Fastening
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
SAKURA-70-M
Single lens
Silicone
clear
SAKURA-ADAPTER-1
Accessory
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FP17002_SAKURA-70-M
» Box size: 480 x 280 x 300 mm
Single lens
144
54
18
9.4
Last update: 25/02/2020
Subject to change without prior notice
Published: 20/01/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - FP17002

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FP17001 LEDIL-FP17001 Datasheet
1Mb / 4P
~15째 spot beam. Assembly with installation adapter.
FP17003 LEDIL-FP17003 Datasheet
1Mb / 3P
~36째 wide beam.
More results

Similar Description - FP17002

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP13071 LEDIL-CP13071 Datasheet
2Mb / 5P
~25째 25째 rectangular beam
C15800 LEDIL-C15800 Datasheet
4Mb / 7P
~25째 spot beam
F15559 LEDIL-F15559_18 Datasheet
8Mb / 9P
~25째 wide beam. Compatible with LEDiL HEKLA.
CA14402 LEDIL-CA14402 Datasheet
2Mb / 5P
~25째 medium beam
F16364 LEDIL-F16364 Datasheet
5Mb / 5P
~25째 wide beam compatible with LEDiL HEKLA
CN16209 LEDIL-CN16209 Datasheet
7Mb / 6P
~25째 wide beam with holder
C16687 LEDIL-C16687 Datasheet
9Mb / 7P
~25째 wide beam
FA16988 LEDIL-FA16988 Datasheet
4Mb / 4P
~25째 wide beam. Assembly with installation tape.
CP13666 LEDIL-CP13666 Datasheet
2Mb / 5P
~25째 diffused beam.
CP17589 LEDIL-CP17589 Datasheet
1Mb / 4P
~25째 wide beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com