Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP65H480G4JSG-TR Datasheet(PDF) 1 Page - Transphorm Inc

Part # TP65H480G4JSG-TR
Description  650V SuperGaNTM GaN FET in PQFN (source tab)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSPHORM [Transphorm Inc]
Direct Link  https://www.transphormusa.com/en/
Logo TRANSPHORM - Transphorm Inc

TP65H480G4JSG-TR Datasheet(HTML) 1 Page - Transphorm Inc

  TP65H480G4JSG-TR Datasheet HTML 1Page - Transphorm Inc TP65H480G4JSG-TR Datasheet HTML 2Page - Transphorm Inc TP65H480G4JSG-TR Datasheet HTML 3Page - Transphorm Inc TP65H480G4JSG-TR Datasheet HTML 4Page - Transphorm Inc TP65H480G4JSG-TR Datasheet HTML 5Page - Transphorm Inc TP65H480G4JSG-TR Datasheet HTML 6Page - Transphorm Inc TP65H480G4JSG-TR Datasheet HTML 7Page - Transphorm Inc TP65H480G4JSG-TR Datasheet HTML 8Page - Transphorm Inc TP65H480G4JSG-TR Datasheet HTML 9Page - Transphorm Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Jan. 31, 2020
© 2019 Transphorm Inc. Subject to change without notice.
tp65h480g4lsg.0
1
TP65H480G4JSG
650V SuperGaNTM GaN FET in PQFN (source tab) Preliminary Datasheet
Key Specifications
VDS (V)
650
V(TR)DSS (V) max
725
RDS(on) (mΩ) max*
560
QRR (nC) typ
14
QG (nC) typ
9
* Dynamic RDS(on); see Figures 18 and 19
Features
 Gen IV technology
 JEDEC-qualified GaN technology
 Dynamic RDS(on)eff production tested
 Robust design, defined by
— Wide gate safety margin
— Transient over-voltage capability
 Very low QRR
 Reduced crossover loss
 RoHS compliant and Halogen-free packaging
Benefits
 Achieves increased efficiency in both hard- and soft-
switched circuits
— Increased power density
— Reduced system size and weight
— Overall lower system cost
 Easy to drive with commonly-used gate drivers
 GSD pin layout improves high speed design
Applications
 Consumer
 Power adapters
 Low power SMPS
 Lighting
Description
The TP65H480G4JSG 650V, 480mΩ Gallium Nitride (GaN)
FET is a normally-off device. It combines state-of-the-art high
voltage GaN HEMT and low voltage silicon MOSFET
technologies—offering superior reliability and performance.
SuperGaNTM is Transphorm’s 4th generation GaN platform,
which uses advanced epi and patented design technologies
to reduce cost through simplified manufacturability while
improving efficiency over silicon via lower gate charge,
output capacitance, crossover loss, and reverse recovery
charge.
Related Literature
 AN0003: Printed Circuit Board Layout and Probing
 AN0007: Recommendations for Vapor Phase Reflow
 AN0009: Recommended External Circuitry for GaN FETs
 AN0012: PQFN Tape and Reel Information
Product Series and Ordering Information
Part Number
Package
Package
Configuration
TP65H480G4JSG-TR*
5x6 PQFN
Source
S
G
D
TP65H480G4JSG
PQFN
(top view)
Cascode Device Structure
Cascode Schematic Symbol
* “-TR” suffix refers to tape and reel. Refer to AN0012 for details.


Similar Part No. - TP65H480G4JSG-TR

ManufacturerPart #DatasheetDescription
logo
Transphorm Inc
TP65H480G4JSG-TR TRANSPHORM-TP65H480G4JSG-TR Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
September 12, 2023
More results

Similar Description - TP65H480G4JSG-TR

ManufacturerPart #DatasheetDescription
logo
Transphorm Inc
TP65H070G4LSG TRANSPHORM-TP65H070G4LSG Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
August 24, 2023
TP65H070G4LSGB TRANSPHORM-TP65H070G4LSGB Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
Nov. 7, 2023
TP65H070G4PS TRANSPHORM-TP65H070G4PS Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
Dec. 4, 2023
TP65H070G4RS TRANSPHORM-TP65H070G4RS Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
October 31, 2023
TP65H150BG4JSG TRANSPHORM-TP65H150BG4JSG Datasheet
988Kb / 12P
650V SuperGaN GaN FET in PQFN (source tab)
November 7, 2023
TP65H150G4LSG TRANSPHORM-TP65H150G4LSG Datasheet
1Mb / 12P
650V SuperGaN GaN FET in PQFN (source tab)
September 12, 2023
TP65H150G4LSGB TRANSPHORM-TP65H150G4LSGB Datasheet
1,019Kb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
August 31, 2023
TP65H300G4JSGB TRANSPHORM-TP65H300G4JSGB Datasheet
1,023Kb / 13P
650V SuperGaN® GaN FET in PQFN (source tab)
Apr. 12, 2023
TP65H300G4LSGB TRANSPHORM-TP65H300G4LSGB Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
October 30, 2023
TP65H480G4JSG TRANSPHORM-TP65H480G4JSG Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
September 12, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com