Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R200 Datasheet(PDF) 3 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 3 Page - Intel Corporation

  R200 Datasheet HTML 1Page - Intel Corporation R200 Datasheet HTML 2Page - Intel Corporation R200 Datasheet HTML 3Page - Intel Corporation R200 Datasheet HTML 4Page - Intel Corporation R200 Datasheet HTML 5Page - Intel Corporation R200 Datasheet HTML 6Page - Intel Corporation R200 Datasheet HTML 7Page - Intel Corporation R200 Datasheet HTML 8Page - Intel Corporation R200 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
334616-001
3
Contents
1
Description and Features .................................................................................... 9
2
Overview .........................................................................................................10
2.1
R200 Description ...................................................................................10
2.2
R200 Camera Module .............................................................................11
2.3
Components..........................................................................................12
2.4
Storage and Operating Conditions............................................................13
2.5
Handling Conditions ...............................................................................13
3
Component Specification ...................................................................................15
3.1
Imaging................................................................................................15
3.1.1
Color Imaging System...............................................................15
3.1.2
Infrared Imaging System...........................................................15
3.2
Infrared Light Projection .........................................................................16
3.3
Activity LED ..........................................................................................17
3.4
Temperature Sensor...............................................................................17
3.5
Camera Module Connector ......................................................................17
3.6
Other Components.................................................................................18
4
Functional Specification .....................................................................................19
4.1
Embedded 3D Imaging System................................................................19
4.2
Camera Video Stream Formats ................................................................19
5
Firmware .........................................................................................................21
5.1
Firmware Update (Windows* Only) ..........................................................21
5.2
Infrared Camera Functions......................................................................21
5.3
Color Camera Functions R200..................................................................21
6
System Interoperability .....................................................................................23
6.1
USB Composite Device ...........................................................................23
6.1.1
Device Endpoints......................................................................23
6.2
Power States.........................................................................................24
6.2.1
Power Consumption ..................................................................24
7
System Integration ...........................................................................................25
7.1
Integration Overview..............................................................................25
7.2
Module Stability.....................................................................................25
7.3
Camera Module Dimensions ....................................................................27
7.4
Camera Module Mass..............................................................................27
7.5
Grounding.............................................................................................27
7.6
Motherboard Receptacle .........................................................................27
7.7
Shielding ..............................................................................................28
7.8
Rear Cover Design Guidance ...................................................................29
7.8.1
Transparent Cover Material........................................................29
7.8.2
Gaskets...................................................................................30
7.8.3
Optical Isolation .......................................................................30
7.8.4
Dust Protection ........................................................................32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com