Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT6150A Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT6150A
Description  Current Mode Buck-Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6150A Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT6150A Datasheet HTML 5Page - Richtek Technology Corporation RT6150A Datasheet HTML 6Page - Richtek Technology Corporation RT6150A Datasheet HTML 7Page - Richtek Technology Corporation RT6150A Datasheet HTML 8Page - Richtek Technology Corporation RT6150A Datasheet HTML 9Page - Richtek Technology Corporation RT6150A Datasheet HTML 10Page - Richtek Technology Corporation RT6150A Datasheet HTML 11Page - Richtek Technology Corporation RT6150A Datasheet HTML 12Page - Richtek Technology Corporation RT6150A Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
RT6150A/B
13
DS6150A/B-06 July 2018
www.richtek.com
Richtek Technology Corporation
14F, No. 8, Tai Yuen 1
st Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789
Richtek products are sold by description only. Customers should obtain the latest relevant information and data sheets before placing orders and should verify
that such information is current and complete. Richtek cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Richtek
product. Information furnished by Richtek is believed to be accurate and reliable. However, no responsibility is assumed by Richtek or its subsidiaries for its use;
nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent
or patent rights of Richtek or its subsidiaries.
W-Type 10L DFN 2.5x2.5 Package
1
1
2
2
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.200
0.300
0.008
0.012
D
2.400
2.600
0.094
0.102
D2
1.950
2.050
0.077
0.081
E
2.400
2.600
0.094
0.102
E2
1.150
1.250
0.045
0.049
e
L
0.350
0.450
0.014
0.018
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.500
0.020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com