Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PJM10H05NST Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM10H05NST
Description  N-MOS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM10H05NST Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM10H05NST Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM10H05NST Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM10H05NST Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM10H05NST Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM10H05NST Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Source-Drain Diode Characteristics
Symbol
Parameter
Test Conditions
Rating
Units
Min. Typ. Max.
IS
Continuous Source Current 2(Body Diode)
--
--
5
A
VSD
Diode Forward Voltage 3
IS=5A,VGS=0V
--
--
1.5
V
Symbol
Parameter
Typ.
Units
RθJC
Junction-to-Case 2
42
℃/W
PJM10H05NST
N-MOS
3 / 5
www.pingjingsemi.com
Revis
ion:1.0 Nov-2017
1: Repetitive Rating: Pulse width limited by maximum junction temperature.
2: Surface Mounted on FR4 Board, t≤10sec.
3: Pulse Test: Pulse Width≤300μs, Duty Cycle≤2%.
4: Guaranteed by design, not subject to production
5: EAS condition:Tj=25℃,VDD=50V,VG=10V,L=0.5mH,Rg=25Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com