Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PJM50H30NTH Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM50H30NTH
Description  N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM50H30NTH Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM50H30NTH Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM50H30NTH Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM50H30NTH Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM50H30NTH Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM50H30NTH Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM50H30NTH Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PJM50H30NTH
N-Channel Power MOSFET
www.pingjingsemi.com
1 / 6
Revision:1.0 Dec-2017
Features
Advanced Planar Process
RDS(ON), typ.=150mΩ@VGS=10V
Low Gate Charge Minimize Switching Loss
Rugged Poly Silicon Gate Structure
Applications
BLDC Motor Driver
Electric Welder
High Efficiency SMPS
Absolute Maximum Ratings
Ratings at TC = 25℃ unless otherwise specified.
Parameter
Symbol
Value
Units
Drain-to-Source Voltage
VDS
500
V
Continuous Drain Current
ID
30
A
TC=100 ℃
18
Pulsed Drain Current Note 1
IDM
120
A
Gate-to-Source Voltage
VGS
±30
V
Single Pulse Avalanche Energy
EAS
2000
mJ
Peak Diode Recovery Note 2
dv/dt
5.0
V/ns
Power Dissipation
PD
333
W
Derating Factor above 25°C
2.63
W/℃
Operating Junction and Storage Temperature Range
TSTG
–55 to 150
℃
Maximum Temperature for Soldering
TL
300
℃
Note: 1. Repetitive rating; pulse width limited by maximum junction temperature.
2. Package limited current.
3. Pulse width≤380μs; duty cycle≤2%.
TO-3PN
D
G
S
G
D
S


Similar Part No. - PJM50H30NTH

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM50H20NTF PJSEMI-PJM50H20NTF Datasheet
926Kb / 5P
Silicon N-Channel Power MOSFET
More results

Similar Description - PJM50H30NTH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com