Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD-3501GAC Datasheet(PDF) 1 Page - Microsemi Corporation

Part # PD-3501GAC
Description  Single-port Gigabit PoE Midspan, 802.3af Compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD-3501GAC Datasheet(HTML) 1 Page - Microsemi Corporation

  PD-3501GAC Datasheet HTML 1Page - Microsemi Corporation PD-3501GAC Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Copyright © 2017
Microsemi Corporation
Rev. 1.7
Specifications
Feature
Description
No. of Ports
1
Data Rates
10/100/1000 Mbps
Power over
Ethernet Output
Pin Assignment and Polarity:
Spare Pairs 7/8 (-) and 4/5 (+)
Output Power Voltage: 48 VDC
User Port Power
15.4 Watts (Guaranteed)
Input Power
Requirements
AC Input Voltage: 100 to 240Vac (±10%)
AC Input Current: 0.43A @ 100-240Vac
AC Frequency: 50 to 60Hz
Dimensions
51.8mm (W) x 34.8mm (H) x 160.5mm (L) ±0.5mm
2.04 in. x 1.37 in. x 6.31 in ±0.02 in
Weight
.44 lbs (200g)
Indicators
User Indicator:
Channel Power (Green)
Connectors
Shielded RJ-45, EIA 568A and 568B
Environmental
Conditions
Operating Ambient Temperature:
Conditions 32º to 104ºF (0 to 40ºC)
Operating Humidity:
Maximum 90%, Non-condensing
Storage Temperature:
-4º to 158ºF (-20º to 70ºC)
Storage Humidity:
Maximum 95%, Non-condensing
Operating Altitude:
–1000 to 10,000 ft. (–304.8 to 3048 m)
Reliability
MTBF: 100,000 hrs. @ 25ºC
Thermal Rating
13 BTU/Hr (@240VAC)
Warranty
1-year
Regulatory
Compliance
IEEE 802.3af (PoE), RoHS Compliant,
WEEE Compliant, CE
Electromagnetic
Emission
& Immunity
FCC Part 15, Class B
EN 55032 Class B (Emissions)
EN 55024 (Immunity)
VCCI
Safety
UL/EN/IEC 60950-1 (Ed.2)
Overview
Microsemi’s PD-3501G single-port PoE midspan offers a
compact and cost effective, IEEE 802.3af compliant
solution for powering IP phones, WLAN access points,
network cameras and other IP terminal devices.
The compact and affordable PD-3501G provides reliable
power over standard Ethernet cables, leaving existing
network infrastructure completely unaltered.
With plug-and-play installation, the PD-3501G can be
easily and cost effectively implemented leveraging the
existing Ethernet infrastructure while at the same time
providing the assurance of a future proof network.
PD-3501G Features
•
Safe & reliable power over existing Ethernet infrastructure
•
Stackable and compact
•
Plug-and-play installation
•
Guaranteed uptime
PD-3501G Midspan
Single-port Gigabit PoE Midspan, 802.3af Compliant


Similar Part No. - PD-3501GAC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD-3501G MICROCHIP-PD-3501G Datasheet
394Kb / 2P
Single-port Gigabit PoE Indoor Injector, 802.3af Compliant
5/21
logo
Extreme Networks.
PD-3501G-ENT EXTREMENETWORKS-PD-3501G-ENT Datasheet
326Kb / 8P
Enterprise-grade, Indoor Wallplate, 802.11ax Wi-Fi 6 Dual-Radio 2x2:2 Access Point and Switch
19aug24
PD-3501G-ENT EXTREMENETWORKS-PD-3501G-ENT Datasheet
346Kb / 8P
Wi-Fi 6 (802.11ax) Indoor Access Point with Support for Multiple Extreme Operating Systems
16jan24
PD-3501G-ENT EXTREMENETWORKS-PD-3501G-ENT Datasheet
249Kb / 9P
Wi-Fi 6 (802.11ax) Indoor Access Point with integrated or external antenna options
18sep23
PD-3501G-ENT EXTREMENETWORKS-PD-3501G-ENT Datasheet
280Kb / 9P
Wi-Fi 6 (802.11ax) Tri-Radio Access Point With Integrated or External Antenna Options
4aug23
More results

Similar Description - PD-3501GAC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
NPOE-30W-1G TRIPPLITE-NPOE-30W-1G Datasheet
169Kb / 3P
Gigabit PoE Midspan Active Injector - IEEE 802.3at/802.3af, 30W, 1 Port
logo
Microsemi Corporation
PD-9001GR MICROSEMI-PD-9001GR Datasheet
550Kb / 2P
Single-port Gigabit PoE Midspan, 802.3at Compliant
PD-9501G MICROSEMI-PD-9501G Datasheet
819Kb / 2P
60W, Gigabit, Single-port PoE Midspan, 24VDC Input
PD-9501G MICROSEMI-PD-9501G_V01 Datasheet
1Mb / 2P
60W, Gigabit, Single-port PoE Midspan, 48VDC Input
PD-9501GO MICROSEMI-PD-9501GO Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
PD-9501GO MICROSEMI-PD-9501GO_V01 Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
logo
Microchip Technology
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-3501G MICROCHIP-PD-3501G Datasheet
394Kb / 2P
Single-port Gigabit PoE Indoor Injector, 802.3af Compliant
5/21
PD-3504G MICROCHIP-PD-3504G Datasheet
440Kb / 2P
4-port 802.3af Compliant Gigabit Midspan
5/21
logo
Advantech Co., Ltd.
PCM-24R2PE ADVANTECH-PCM-24R2PE Datasheet
279Kb / 1P
2-Port Gigabit Ethernet, IEEE 802.3af (PoE) Compliant, mPCIe, RJ45
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com