Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3DPX1202A1 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # PI3DPX1202A1
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A1 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button PI3DPX1202A1 Datasheet HTML 11Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 12Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 13Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 14Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 15Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 16Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 17Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 18Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
15 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
Power-up/down and Hot Plug Detect (HPD)
Following power on, state machine enter Reset State. Chip is powered down. HPD startup oscillator and Bandgap and Digital VDD
regulator is on.
After Power-On-Reset (POR) de-asserted, state machine enter "Low Power Mode 1" and then 2-ms later enter "Low Power Mode 2"
and monitor HPD_SINK.
When HPD_SINK is asserted, the state will change from "Low Power State 2" to "Active state". In Active stage, 1.2V regulator is
turned on. When 1.2V POR detects valid voltage, RX and TX section of the channel will power on.
In Active state, if HPD_SINK=0, then it will go to wait state and initiate debounce timer, if HPD_SINK is still=0 after 300ms, this
signal a HPD reset and the state machine goes to the "Low Power mode 2" state. If HPD_SINK reverts back to 1 (High) within
300ms, then the controller will return active state. All circuits blocks are active in both active and wait state.
HPD_SNK=?
Start
Power On Reset
ST_POR
Low Power Mode
ST_LPM1
Low Power Mode
ST_LPM2
Active Mode
ST_ACT
Active Wait
ST_WAIT
= 300ms
0
HPD = 0
HPD=1
HPD=0
HPD=1
HPD detect = ON
Figure 4-5: Power up sequence flow chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com