Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLW1010V2 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # PLW1010V2
Description  PowerLINE 1000, 1010 and 1200 Adapters
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLW1010V2 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button PLW1010V2 Datasheet HTML 27Page - List of Unclassifed Manufacturers PLW1010V2 Datasheet HTML 28Page - List of Unclassifed Manufacturers PLW1010V2 Datasheet HTML 29Page - List of Unclassifed Manufacturers PLW1010V2 Datasheet HTML 30Page - List of Unclassifed Manufacturers PLW1010V2 Datasheet HTML 31Page - List of Unclassifed Manufacturers PLW1010V2 Datasheet HTML 32Page - List of Unclassifed Manufacturers PLW1010V2 Datasheet HTML 33Page - List of Unclassifed Manufacturers PLW1010V2 Datasheet HTML 34Page - List of Unclassifed Manufacturers PLW1010V2 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
PowerLINE PLP1000 Technical Specifications
The PLP1000 adapter meets the technical specifications defined in the following table.
Table 5. Technical specifications
Specification
Feature
IEEE 802.3 (10BASE-T), IEEE 802.3u
(100BASE-T), IEEE 802.3ab
(1000BASE-T)
Data and routing protocols
100–240V, 0.2A (max.)
AC input
EU: 16A, 250V; NA: 11.8A, 125V; UK:
13A, 250V
Socket-outlet rating (max. load)
Normal: < 4W; Power saving mode:
< 0.5W
Power consumption
120 x 58 x 42 mm (4.72 x 2.28 x 1.65
in.)
Dimensions
Varies by region. About 183 g (0.40
lb)
Weight
0° to 40°C (32º to 104ºF)
Operating temperature
10–90% maximum relative humidity,
noncondensing
Operating humidity
5–95% maximum relative humidity,
noncondensing
Storage humidity
128-bit AES
Security encryption type
8 (active), 16 (total): number of nodes
that can be added to a single network
MAC addresses
1000 Mbps
Bandwidth
Up to 1000 Mbps with real
throughput greater than 80 Mbps
Data transfer rate
2–68 Mbps
Frequency band
4096/1024/256/64/16/8-QAM
Modulation type
User Manual
31
Technical Specifications and
Safety Information
PowerLINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com