Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC7440XMT Datasheet(PDF) 97 Page - Microsemi Corporation

Part # VSC7440XMT
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440XMT Datasheet(HTML) 97 Page - Microsemi Corporation

Back Button VSC7440XMT Datasheet HTML 93Page - Microsemi Corporation VSC7440XMT Datasheet HTML 94Page - Microsemi Corporation VSC7440XMT Datasheet HTML 95Page - Microsemi Corporation VSC7440XMT Datasheet HTML 96Page - Microsemi Corporation VSC7440XMT Datasheet HTML 97Page - Microsemi Corporation VSC7440XMT Datasheet HTML 98Page - Microsemi Corporation VSC7440XMT Datasheet HTML 99Page - Microsemi Corporation VSC7440XMT Datasheet HTML 100Page - Microsemi Corporation VSC7440XMT Datasheet HTML 101Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
80
L3_DSCP
By default DSCP from frame. Per match, selectable to be current
classified DSCP (ANA_CL::ADV_CL_CFG.USE_CL_DSCP_ENA).
6x
L3_IP4_DIP
IPv4 frames: Destination IPv4 address.
IPv6 frames: Destination IPv6 address, bits 31:0.
32
x
L3_IP4_SIP
Overloaded field for different frame types:
LLC frames (ETYPE_LEN = 0 and IP_SNAP = 0):
L3_IP4_SIP = [CTRL, PAYLOAD[0:2]]
SNAP frames (ETYPE_LEN = 0 and IP_SNAP=1):
L3_IP4_SIP = [PID[2:0], PAYLOAD[0]]
IPv4 frames (ETYPE_LEN=1, IP_SNAP=1, and IP4=1):
L3_IP4_SIP = source IPv4 address
IPv6 frames (ETYPE_LEN=1, IP_SNAP=1, IP4=0):
L3_IP4_SIP = source IPv6 address, bits 31:0
Other frames (ETYPE_LEN=1, IP_SNAP=0):
L3_IP4_SIP = PAYLOAD[0:3].
32
x
L3_IP_PROTO
IPv4 frames (IP4=1): IP protocol.
IPv6 frames (IP4=0): Next header.
8x
L4_RNG
Range mask. Range types: SPORT, DPORT, SPORT or DPORT, VID,
DSCP, custom.
Input into range checkers is taken from frame except DSCP value which
is the remapped DSCP value from basic classification.
8x
IP_PAYLOAD_5TUPLE Payload bytes after IP header. IPv4 options are not parsed so payload is
always taken 20 bytes after the start of the IPv4 header.
32
x
CUSTOM4
15 bytes payload starting from current frame pointer position, as
controlled by VCAP CLM actions.
Note that if frame_type==ETH, then payload is retrieved from a position
following the Ethernet layer, for example, after DMAC, SMAC, 0-3 VLAN
tags and EtherType.
120
x
Table 61 •
VCAP CLM X4 Key Details (continued)
Field Name
Description
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com