Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7805ALPRPDE Datasheet(PDF) 4 Page - Maxwell Technologies

Part # 7805ALPRPDE
Description  16-Bit Latchup Protected ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7805ALPRPDE Datasheet(HTML) 4 Page - Maxwell Technologies

  7805ALPRPDE Datasheet HTML 1Page - Maxwell Technologies 7805ALPRPDE Datasheet HTML 2Page - Maxwell Technologies 7805ALPRPDE Datasheet HTML 3Page - Maxwell Technologies 7805ALPRPDE Datasheet HTML 4Page - Maxwell Technologies 7805ALPRPDE Datasheet HTML 5Page - Maxwell Technologies 7805ALPRPDE Datasheet HTML 6Page - Maxwell Technologies 7805ALPRPDE Datasheet HTML 7Page - Maxwell Technologies 7805ALPRPDE Datasheet HTML 8Page - Maxwell Technologies 7805ALPRPDE Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected ADC
7805ALP
01.10.05 Rev 9
I
IL, IIH
1, 2, 3
--
--
±10
µ A
TABLE 5. 7805ALP ANALOG INPUTS
(V
S = 5V, TA = -40 TO +85
°C UNLESS OTHERWISE SPECIFIED)
PARAMETER
SUBGROUPS
MIN
TYP
MAX
UNIT
Voltage Ranges 1
1. Tested by application of signal.
1, 2, 3
-10
±10
10
V
Impedance
1, 2, 3
--
23
--
k
Ω
Capacitance2
2. Guarenteed by design
--
--
35
--
pF
TABLE 6. 7805ALP THROUGHPUT SPEED
(V
S = 5V, TA = -40 TO +85
°C UNLESS OTHERWISE SPECIFIED)
PARAMETER
SUBGROUPS
MIN
TYP
MAX
UNIT
Conversion Time
9, 10, 11
--
7.6
8
µ s
Complete Cycle (Acquire and Convert)
9, 10, 11
--
--
10
µ s
Throughput Rate 1
1. Guaranteed by design
100
--
--
kHz
TABLE 7. 7805ALP AC ACCURACY SPECIFICATIONS
(V
S = 5V, TA = -40 TO +85
°C UNLESS OTHERWISE SPECIFIED)
PARAMETER
TEST CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNIT
Spurious-Free Dynamic Range 1,2
1. All specifications in dB are referred to a full-scale 10V input.
2. Guaranteed by design.
f
IN = 45 kHz
4, 5, 6
90
--
--
dB
Total Harmonic Distortion 1,2
f
IN = 45 kHz
4, 5, 6
--
--
-90
dB
Signal-to-(Noise + Distortion) 1,2
f
IN = 45 kHz
4, 5, 6
83
--
--
dB
-60dB Input
4, 5, 6
--
30
--
Signal-to-Noise 1,2
f
IN = 45 kHz
4, 5, 6
83
--
--
dB
Full-Power Bandwidth 3
3. Full-power bandwidth defined as full-scale input frequency at which signal-to-(noise + distortion) degrades to 60 dB or 10 bits of
accuracy.
4, 5, 6
--
250
--
kHz
TABLE 4. 7805ALP DIGITAL INPUTS
(V
S = 5V, TA = -40 TO +85
°C UNLESS OTHERWISE SPECIFIED)
PARAMETER
SUBGROUPS
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com