Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F16342 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F16342
Description  Long, female end cap compatible with LINNEA-ZT25-B
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16342 Datasheet(HTML) 1 Page - Ledil, Inc.

  F16342 Datasheet HTML 1Page - Ledil, Inc. F16342 Datasheet HTML 2Page - Ledil, Inc. F16342 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
F16342_LINNEA-ZT25-END-B-FL
LINNEA-ZT25-END-B-FL
Long,
female
end
cap
compatible
with
LINNEA-ZT25-B
TECHNICAL SPECIFICATIONS:
Dimensions
40.0 mm
Height
9.5 mm
Fastening
clips
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LINNEA-ZT25-END-B-FL
Accessory
PC
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
F16342_LINNEA-ZT25-END-B-FL
» Box size: 398 x 298 x 265 mm
864
54
54
8.8
Last update: 14/06/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/3


Similar Part No. - F16342

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F16340 LEDIL-F16340 Datasheet
3Mb / 3P
Long, female end cap compatible with LINNEA-ZT25
F16341 LEDIL-F16341 Datasheet
3Mb / 3P
Long, male end cap compatible with LINNEA-ZT25-B
More results

Similar Description - F16342

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F16183 LEDIL-F16183 Datasheet
4Mb / 3P
Long, female end cap compatible with LINNEA-90
F16218 LEDIL-F16218 Datasheet
4Mb / 3P
Long, male end cap compatible with LINNEA-90-B
F16219 LEDIL-F16219 Datasheet
4Mb / 3P
Long, female end cap compatible with LINNEA-90-B
F16339 LEDIL-F16339 Datasheet
3Mb / 3P
Long, male end cap compatible with LINNEA-ZT25
F16341 LEDIL-F16341 Datasheet
3Mb / 3P
Long, male end cap compatible with LINNEA-ZT25-B
F16452 LEDIL-F16452 Datasheet
3Mb / 3P
Long, female end cap compatible with LINNEA-60
F16454 LEDIL-F16454 Datasheet
3Mb / 3P
Long, female end cap compatible with LINNEA-60-B
F16340 LEDIL-F16340 Datasheet
3Mb / 3P
Long, female end cap compatible with LINNEA-ZT25
F16380 LEDIL-F16380 Datasheet
3Mb / 3P
Long, female end cap compatible with LINNEA-Z2T25
F16382 LEDIL-F16382 Datasheet
3Mb / 3P
Long, female end cap compatible with LINNEA-Z2T25-B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com