Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7805ALPRPFE Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 7805ALPRPFE
Description  16-Bit Latchup Protected ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7805ALPRPFE Datasheet(HTML) 3 Page - Maxwell Technologies

  7805ALPRPFE Datasheet HTML 1Page - Maxwell Technologies 7805ALPRPFE Datasheet HTML 2Page - Maxwell Technologies 7805ALPRPFE Datasheet HTML 3Page - Maxwell Technologies 7805ALPRPFE Datasheet HTML 4Page - Maxwell Technologies 7805ALPRPFE Datasheet HTML 5Page - Maxwell Technologies 7805ALPRPFE Datasheet HTML 6Page - Maxwell Technologies 7805ALPRPFE Datasheet HTML 7Page - Maxwell Technologies 7805ALPRPFE Datasheet HTML 8Page - Maxwell Technologies 7805ALPRPFE Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected ADC
7805ALP
01.10.05 Rev 9
TABLE 2. 7805ALP ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Analog Inputs
V
IN
CAP
REF
-25
V
S
9
--
--
--
25
AGND2 - 0.3
--
V
Ground Voltage Difference
DGND
AGND1
AGND2
-0.3
-0.3
-0.3
--
--
--
0.3
0.3
0.3
V
Supply Input
V
S
--
7
V
Digital Inputs
-0.3
--
VS + 0.3
V
Thermal Impedance
Θ
JC
11
°C/W
Internal Power Dissipation
--
--
825
mW
Maximum Junction Temperature
T
J
--
--
165
°C
TABLE 3. 7805ALP DC ACCURACY SPECIFICATIONS
(V
S = 5V, TA = -40 TO +85
°C UNLESS OTHERWISE SPECIFIED)
PARAMETER
CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNIT
Integral Linearity Error
--
--
±3
LSB
Differential Linearity Error
--
--
4, -1
LSB
No Missing Codes 1
1. Guaranteed by design
15
--
--
Bits
Transition Noise 2
2. Typical rms noise at worst case transitions and temperatures.
--
1.3
--
LSB
Full Scale Error 3,4
3. Measured with various fixed resistors.
4. Full scale error is worst case - Full Scale or +Full Scale untrimmed deviation from ideal first and last code transitions, divided
by the transition voltage (not divided by the full-scale range) and included the effect of offset error.
--
--
±0.5
%
Full Scale Error Drift
--
±7
--
ppm/°C
Bipolar Zero Error 3
--
--
±10
mV
Bipolar Zero Error Drift
--
±2
--
ppm/°C
Power Supply Sensitivity
4.8V < V
S < 5.25V
--
--
±8
LSB
TABLE 4. 7805ALP DIGITAL INPUTS
(V
S = 5V, TA = -40 TO +85
°C UNLESS OTHERWISE SPECIFIED)
PARAMETER
SUBGROUPS
MIN
TYP
MAX
UNIT
V
IL
1, 2, 3
-0.3
--
0.8
V
V
IH
2.0
--
V
S +0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com