Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SARA-R404M-00B-00 Datasheet(PDF) 21 Page - u-blox AG

Part # SARA-R404M-00B-00
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R404M-00B-00 Datasheet(HTML) 21 Page - u-blox AG

Back Button SARA-R404M-00B-00 Datasheet HTML 17Page - u-blox AG SARA-R404M-00B-00 Datasheet HTML 18Page - u-blox AG SARA-R404M-00B-00 Datasheet HTML 19Page - u-blox AG SARA-R404M-00B-00 Datasheet HTML 20Page - u-blox AG SARA-R404M-00B-00 Datasheet HTML 21Page - u-blox AG SARA-R404M-00B-00 Datasheet HTML 22Page - u-blox AG SARA-R404M-00B-00 Datasheet HTML 23Page - u-blox AG SARA-R404M-00B-00 Datasheet HTML 24Page - u-blox AG SARA-R404M-00B-00 Datasheet HTML 25Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Electrical specifications
Page 21 of 43
4.2 Operating conditions
☞ Unless otherwise indicated, all operating condition specifications are at an ambient temperature
of +25 °C.
⚠ Operation beyond the operating conditions is not recommended and extended exposure beyond
them may affect device reliability.
4.2.1 Operating temperature range
Parameter
Min. Typ. Max. Unit
Remarks
Normal operating
temperature
–20 +25 +65 °C
Normal operating temperature range
(fully functional and meet 3GPP / ETSI specifications)
Extended operating
temperature
–40
+85 °C
Extended operating temperature range
(RF performance may be affected outside normal operating range,
though module is fully functional)
Table 8: Environmental conditions
4.2.2 Thermal parameters
Symbol Parameter
Min. Typ. Max. Unit Remarks
ΨM-A
Module-to-Ambient
thermal parameter
10
°C/W Thermal characterization parameter
ΨM-A = (TM – TA) / PH proportional to the temperature difference
between the internal temperature sensor of the module (TM) and
the ambient temperature (TA), produced by the module heat power
dissipation (PH), with the module mounted on a 79 x 62 x 1.41 mm 4-
Layer PCB with a high coverage of copper, in still air conditions
ΨM-C
Module-to-Case
thermal parameter
2
°C/W Thermal characterization parameter
ΨM-C = –TM - TC) / PH proportional to the temperature difference
between the internal temperature sensor of the module (TM) and
the ambient temperature (TC), produced by the module heat power
dissipation (PH), with the module mounted on a 79 x 62 x 1.41 mm 4-
Layer PCB with a high coverage of copper, with a robust aluminum
heat-sink and with forced air ventilation, i.e. reducing to a value
close to 0 °C/W the thermal resistance from the case of the module
to the ambient
Table 9: Thermal characterization parameters of the module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com