| Electronic Components Datasheet Search |
|
SARA-R404M-00B-01 Datasheet(PDF) 36 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
SARA-R404M-00B-01 Datasheet(HTML) 36 Page - u-blox AG |
|
36 / 43 page ![]() SARA-R4 series - Data sheet UBX-16024152 - R18 Product handling & soldering Page 36 of 43 7.2 Moisture Sensitivity Levels ⚠ SARA-R4 series modules are Moisture Sensitive Devices (MSD) in accordance to the IPC/JEDEC specification. The Moisture Sensitivity Level (MSL) relates to the packaging and handling precautions required. SARA-R4 series modules are rated at MSL level 4. For more information regarding moisture sensitivity levels, labeling, storage and drying, see the u-blox package information user guide [3]. ☞ For the MSL standard, see IPC/JEDEC J-STD-020 (can be downloaded from www.jedec.org). 7.3 Reflow soldering Reflow profiles are to be selected according to u-blox recommendations (see the SARA-R4 series system integration manual [2]). ⚠ Failure to observe these recommendations can result in severe damage to the device! 7.4 ESD precautions ⚠ SARA-R4 series modules contain highly sensitive electronic circuitry and are Electrostatic Sensitive Devices (ESD). Handling SARA-R4 series modules without proper ESD protection may destroy or damage them permanently. SARA-R4 series modules are Electrostatic Sensitive Devices (ESD) and require special ESD precautions typically applied to ESD sensitive components. Table 7 details the maximum ESD ratings of the SARA-R4 series modules. Proper ESD handling and packaging procedures must be applied throughout the processing, handling and operation of any application that incorporates the SARA-R4 series module. ESD precautions should be implemented on the application board where the module is mounted, as described in the SARA-R4 series system integration manual [2]. ⚠ Failure to observe these recommendations can result in severe damage to the device! |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |