| Electronic Components Datasheet Search |
|
USB5806T-IKD Datasheet(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5806T-IKD Datasheet(HTML) 26 Page - Microchip Technology |
|
26 / 60 page ![]() USB5806 DS00002236D-page 26 2016-2018 Microchip Technology Inc. 6.0 DEVICE CONFIGURATION The device supports a large number of features (some mutually exclusive), and must be configured in order to correctly function when attached to a USB host controller. The hub can be configured either internally or externally depending on the implemented interface. Microchip provides a comprehensive software programming tool, Pro-Touch2, for configuring the USB5806 functions, registers and OTP memory. All configuration is to be performed via the Pro-Touch2 programming tool. For additional information on the Pro-Touch2 programming tool, refer to Software Libraries within Microchip USB5806 product page at www.microchip.com/USB5806. 6.1 Customer Accessible Functions The following functions are available to the customer via the Pro-Touch2 Programming Tool. 6.1.1 USB ACCESSIBLE FUNCTIONS 6.1.1.1 I2C Bridging Access over USB Access to I2C devices is performed as a pass-through operation from the USB Host. The device firmware has no knowl- edge of the operation of the attached I2C device. For more information, refer to the Microchip USB5806 product page and Pro-Touch2 at www.microchip.com/USB5806. 6.1.1.2 SPI Access over USB Access to an attached SPI device is performed as a pass-through operation from the USB Host. The device firmware has no knowledge of the operation of the attached SPI device. For more information, refer to the Microchip USB5806 product page and SDK at www.microchip.com/USB5806. 6.1.1.3 OTP Access The OTP ROM in the device is accessible via the USB bus during normal runtime operation or SMBus during the SOC_CFG stage. For more information, refer to the Microchip USB5806product page or the Pro-Touch2 User’s Guide. 6.1.1.4 Battery Charging Access over USB The Battery charging behavior of the device can be dynamically changed by the USB Host when something other than the preprogrammed or OTP programmed behavior is desired. For more information, refer to the Microchip USB5806product page or the Pro-Touch2 User’s Guide. 6.1.2 SMBUS ACCESSIBLE FUNCTIONS OTP access and configuration of specific device functions are possible via the USB5806 SMBus slave interface. All OTP parameters can be modified via the SMBus Host. For more information refer to the Microchip USB5806 product page. Note: Device configuration straps and programmable pins are detailed in Section 3.5, Configuration Straps and Programmable Functions. Refer to Section 7.0, Device Interfaces for detailed information on each device interface. Note: For additional programming details, refer to the Pro-Touch2 programming tool User’s Guide. Note: Refer to Section 7.3, I2C Bridge Interface for additional information on the I2C interface. Note: Refer to Section 7.1, SPI Master Interface for additional information on the SPI. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |