Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PJM84PSA Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM84PSA
Description  P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM84PSA Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM84PSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM84PSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM84PSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM84PSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM84PSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM84PSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PJM84PSA
P-Channel MOSFET
1 / 6
www.pingjingsemi.com
Revision:1.1 Jan-2019
Energy efficient
Low threshold voltage
High-speed switching
Miniature surface mount package saves board
space
ESD protected(HBM) up to 2KV
Absolute Maximum Ratings
Ratings at TA =25℃ unless otherwise specified.
Parameter
Symbol
Maximum
Units
Drain-Source Voltage
-VDS
50
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
-ID
0.13
A
Pulsed Drain Current Note1
@tp<10μs
-IDM
0.52
Power Dissipation
PD
225
mW
Junction and Storage Temperature Range
TJ, TSTG
150, -55 to 150
°C
Thermal Characteristics
Parameter
Symbol
Typ.
Units
Maximum Junction-to-Ambient Note2
RθJA
556
°C/W
Feature
D
S
G
SOT-23
1. Gate 2.Source 3.Drain
Marking: P84
Schematic Diagram


Similar Part No. - PJM84PSA

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM84BPSA PJSEMI-PJM84BPSA Datasheet
2Mb / 6P
P-Channel MOSFET
More results

Similar Description - PJM84PSA

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com