Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PJM3401PSA Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3401PSA
Description  P-Enhancement Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3401PSA Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3401PSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3401PSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3401PSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3401PSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3401PSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3401PSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 / 6
Typical Curves
-0
-5
-0
-5
-10
-15
-20
-25
-0
-10
0
30
60
90
120
150
180
-0
-2
-6
-8
0
30
60
90
120
150
180
-0
-0.5
-2.5
-1.0
-1.5
-2.0
-3.0
-1
-2
-3
-4
-5
-1E-5
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1E-4
-1E-3
-0.01
-0.1
-1
-10
T
a=25
℃
Pulsed
T
a=25
℃
Pulsed
V
GS=-10V
V
GS=-4.5V
V
GS=-3.0V
V
GS=-2.5V
V
GS=-2.0V
Output Characteristics
-4
-
1
-2
-3
Drain to Source Voltage V
DS
(V)
T
a=25
℃
Pulsed
I
D=-2A
—— V
GS
R
DS(ON)
2
-
-4
6
-
8
-
Gate to Source Voltage V
GS
(V)
T
a=25
℃
Pulsed
—— I
D
R
DS(ON)
V
GS=-10V
V
GS=-2.5V
V
GS=-4.5V
T
a=25
℃
Pulsed
-4
Drain Current I
D
(A)
Transfer Characteristics
Gate to Source Voltage V
GS
(V)
V
SD
S
I
——
Source to Drain Voltage
SD
(V)
25
125
-0.4
-0.6
-0.8
-1.0
-1.2
I
D=-250uA
Threshold Voltage
50
75
100
Junction Temperature T
j
(℃)
PJM3401PSA
P-Enhancement Field Effect Transistor
V
www.pingjingsemi.com
Revision:2.1 Jun-2019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com