Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C16701 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16701
Description  White shade for FLORENTINA-1 assemblies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16701 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16701 Datasheet HTML 1Page - Ledil, Inc. C16701 Datasheet HTML 2Page - Ledil, Inc. C16701 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C16701_FLORENTINA-1-SHD-60-WHT
FLORENTINA-1-SHD-60-WHT
White shade for FLORENTINA-1 assemblies
TECHNICAL SPECIFICATIONS:
Dimensions
39.7 mm
Height
17.6 mm
Fastening
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
FLORENTINA-1-SHD-60-WHT
Shade
PC
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C16701_FLORENTINA-1-SHD-60-WHT
» Box size: 476 x 273 x 292 mm
840
60
60
5.5
Last update: 01/12/2019
Subject to change without prior notice
Published: 17/05/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/3


Similar Part No. - C16701

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16702 LEDIL-C16702 Datasheet
3Mb / 3P
Narrow caternary street light beam
More results

Similar Description - C16701

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14446 LEDIL-C14446 Datasheet
3Mb / 3P
Black shade for FLORENTINA (12X1) assemblies
C14734 LEDIL-C14734 Datasheet
2Mb / 3P
Black shade for FLORENTINA-2X2 assemblies
C14960 LEDIL-C14960 Datasheet
2Mb / 3P
White shade for FLORENTINA-2X2 assemblies
C15196 LEDIL-C15196 Datasheet
6Mb / 3P
Open shade design for FLORENTINA-2X2 assemblies and custom faceplates
C15198 LEDIL-C15198 Datasheet
2Mb / 3P
Open shade design for FLORENTINA-4X1 assemblies and custom faceplates
C15427 LEDIL-C15427 Datasheet
3Mb / 3P
Black shade for FLORENTINA-1 assemblies
C15469 LEDIL-C15469 Datasheet
3Mb / 3P
White shade for FLORENTINA (12X1) assemblies
C15690 LEDIL-C15690 Datasheet
2Mb / 3P
White shade for FLORENTINA-4X1 assemblies
C17580 LEDIL-C17580 Datasheet
1Mb / 3P
White shade for additional backlight control
C14646 LEDIL-C14646 Datasheet
2Mb / 3P
White glare lowering shade for FLORENCE-Z90, Z60 and Z30 optics
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com