Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMA451U6AFR8N Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # HMA451U6AFR8N
Description  DDR4 SDRAM Unbuffered DIMM Based on 4Gb A-die
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMA451U6AFR8N Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button HMA451U6AFR8N Datasheet HTML 35Page - Hynix Semiconductor HMA451U6AFR8N Datasheet HTML 36Page - Hynix Semiconductor HMA451U6AFR8N Datasheet HTML 37Page - Hynix Semiconductor HMA451U6AFR8N Datasheet HTML 38Page - Hynix Semiconductor HMA451U6AFR8N Datasheet HTML 39Page - Hynix Semiconductor HMA451U6AFR8N Datasheet HTML 40Page - Hynix Semiconductor HMA451U6AFR8N Datasheet HTML 41Page - Hynix Semiconductor HMA451U6AFR8N Datasheet HTML 42Page - Hynix Semiconductor HMA451U6AFR8N Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
Rev. 1.7 / Mar.2016
41
Single-ended Output Slew Rate
With the reference load for timing measurements, output slew rate for falling and rising edges is defined
and measured between VOL(AC) and VOH(AC) for single ended signals as shown in Table and Figure below.
NOTE :
1. Output slew rate is verified by design and characterization, and may not be subject to production test.
Single-ended Output Slew Rate Definition
Description: SR: Slew Rate
Q: Query Output (like in DQ, which stands for Data-in, Query-Output)
se: Single-ended Signals
For Ron = RZQ/7 setting
NOTE:
1. In two cases, a maximum slew rate of 12 V/ns applies for a single DQ signal within a byte lane.
-Case 1 is defined for a single DQ signal within a byte lane which is switching into a certain direction (either from high
to low or low to high) while all remaining DQ signals in the same byte lane are static (i.e. they stay at either high or
low).
-Case 2 is defined for a single DQ signal within a byte lane which is switching into a certain direction (either from high
to low or low to high) while all remaining DQ signals in the same byte lane are switching into the opposite direction
(i.e. from low to high or high to low respectively). For the remaining DQ signal switching into the opposite direction,
the regular maximum limit of 9 V/ns applies
Single-ended output slew rate definition
Description
Measured
Defined by
From
To
Single ended output slew rate for rising edge
VOL(AC)
VOH(AC)
[VOH(AC)-VOL(AC)] /
Delta TRse
Single ended output slew rate for falling edge
VOH(AC)
VOL(AC)
[VOH(AC)-VOL(AC)] /
Delta TFse
Single-ended output slew rate
Parameter
Symbol
DDR4-1600 DDR4-1866 DDR4-2133 DDR4-2400 DDR4-2666 DDR4-3200
Units
Min Max Min Max Min Max Min Max Min Max Min Max
Single ended output slew rate SRQse
494
949
49
TBD
TBD
TBD
TBD
V/ns
VOH(AC)
VOL(AC)
delta
TRse
delta
TFse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com