Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SD882SQ Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 2SD882SQ
Description  Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

2SD882SQ Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  2SD882SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SD882SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SD882SQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD882SQ
Silicon NPN Power Transistor
www.pingjingsemi.com
2 / 3
Revision:1.0 May-2018
Electrical Characteristics (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 2 V, IC = 20 mA
at VCE = 2 V, IC = 1 A
Current Gain Group
R
Q
P
E
hFE
hFE
hFE
hFE
hFE
30
60
100
160
200
-
-
-
-
-
-
120
200
320
400
-
-
-
-
-
Collector Base Cutoff Current
at VCB = 30 V
ICBO
-
-
1
µA
Emitter Base Cutoff Current
at VEB = 3 V
IEBO
-
-
1
µA
Collector Emitter Saturation Voltage
at IC = 2 A, IB = 0.2 A
VCE(sat)
-
-
0.5
V
Base Emitter Saturation Voltage
at IC = 2 A, IB = 0.2 A
VBE(sat)
-
-
2
V
Gain Bandwidth Product
at VCE = 5 V, IC = 0.1 A
fT
-
90
-
MHz
Output Capacitance
at VCB = 10 V, f = 1 MHz
Cob
-
45
-
pF
Typical Characteristic Curves
DC CURRENT GAIN, BASE TO EMITTER
VOLTAGE vs. COLLECTOR CURRENT
1000
100
10
1
0.001
0.01 0.03 0.1
0.3
1
10
I C-Collector Current-A
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
4
8
12
16
VCE-Collector to Emit o
ter Voltage-V
0
0.4
0.8
1.2
1.6
2.0
20
I B=1mA
2
3
4
5
6
7
8
9
10
Pulse Test
300
30
60
6
3
0.003
3
0.1
0.3
0.6
1
3
VCE=2.0V
Pulse Test
h FE
VBE
I C-Collector Current-A
BASE AND COLLECTOR SATURATION
VOLTAGE vs. COLLECTOR CURRENT
0.03
0.003
0.01
0.003
VBE(sat)
0.1
0.06
0.3
0.6
VCE(sat)
10
10
0.01 0.03 0.1 0.3
1
3
I C=10.IB
Pulse Test
0.006
1
3
0.001



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com