Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SD1691TF Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 2SD1691TF
Description  Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

2SD1691TF Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  2SD1691TF Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SD1691TF Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SD1691TF Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SD1691TF
Silicon NPN Power Transistor
www.pingjingsemi.com
Revision:1.0
Sept-2018
1 / 3
Features
⚫
Low Collector-Emitter Saturation Voltage and
Large Collector Current
⚫
High Power Dissipation
1:Base 2:Collector 3:Emitter
1B
Absolute Maximum Ratings (Ta=25
℃unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
60
V
Emitter to Base Voltage
VEBO
7
V
Collector Current-Continuous
IC
5
A
Total
Power Dissipation
Ta=25 ℃
PC
2
W
Tc=25 ℃
23
W
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-55~150
℃
2C
3E
TO-220F
* *
D1691
2
1
3
Marking
D1691:Product Type
* *
:
Date of Manufacture


Similar Part No. - 2SD1691TF

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2SD1691T SEMTECH_ELEC-2SD1691T Datasheet
145Kb / 1P
NPN Silicon Epitaxial Power Transistor
More results

Similar Description - 2SD1691TF

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com