Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EXS00A-CS08664 Datasheet(PDF) 34 Page - Microchip Technology

Part # EXS00A-CS08664
Description  64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EXS00A-CS08664 Datasheet(HTML) 34 Page - Microchip Technology

Back Button EXS00A-CS08664 Datasheet HTML 30Page - Microchip Technology EXS00A-CS08664 Datasheet HTML 31Page - Microchip Technology EXS00A-CS08664 Datasheet HTML 32Page - Microchip Technology EXS00A-CS08664 Datasheet HTML 33Page - Microchip Technology EXS00A-CS08664 Datasheet HTML 34Page - Microchip Technology EXS00A-CS08664 Datasheet HTML 35Page - Microchip Technology EXS00A-CS08664 Datasheet HTML 36Page - Microchip Technology EXS00A-CS08664 Datasheet HTML 37Page - Microchip Technology EXS00A-CS08664 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
9.
Electrical Characteristics
This section provides an overview of the electrical characteristics of the SAMA5D27 SOM1 module.
Absolute maximum ratings for the SAMA5D27 SOM1 module are listed below. Exposure to these
maximum rating conditions for extended periods may affect device reliability. Functional operation of the
module at these or any other conditions, above the parameters indicated in the operation listings of this
specification, is not implied.
9.1
Absolute Maximum Ratings
Table 9-1. Absolute Maximum Ratings
Parameter
Conditions
Min.
Max.
Storage Temperature
–
-60°C
+150°C
Maximum Operating Temperature –
-40°C
+85°C
Voltage on Inputs Pins
With respect to ground
-0.3V
+4.0V
Maximum Voltage
On VDDIN_3V3 Pads
–
+4.0V
On VDDBU Pad
–
+4.0V
On VDDSDHC Pad
–
+4.0V
On VDDISC Pad
–
+4.0V
Important:  Stresses beyond those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
9.2
Operational Characteristics
The following characteristics are applicable to the operating temperature range TA = -40°C to +85°C,
unless otherwise specified.
Table 9-2. Table 7. Power Supplies Operating Conditions
Pad
Parameters
Conditions
Min.
Typ.
Max.
VDDIN_3V3
DC Supply
–
3.0V
3.3V
3.6V
Maximum Input
Current
–
–
–
450mA
VDDBU
DC Supply
Must be established first or at
the same time as VDDIN_3V3.
1.65V
3.3V
3.6V
Maximum Input
Current
–
–
–
0.1 mA
SAMA5D27 SOM1
© 2017 Microchip Technology Inc.
Datasheet
DS60001521A-page 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com