| Electronic Components Datasheet Search |
|
SAMV71J20 Datasheet(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAMV71J20 Datasheet(HTML) 9 Page - Microchip Technology |
|
9 / 41 page ![]() ...........continued Module Item and Feature Summary Affected Silicon Revisions A B QSPI 13.2 WDRBT When the QSPI is in SPI mode, the WDRBT feature is not functional. X X RTC 14.1 RTC_CALR Reset Value On Revision A silicon, the reset value of the RTC_CALR register is 0x01E11220. X SDRAMC 15.1 SDRAM Controller Scrambling Use Limitation The scrambling/unscrambling feature of the SDRAM Controller (SDRAMC) has a use limitation. X X SDRAMC 15.2 USB and SDRAM Concurrent Access Issue USB module functionality is adversely affected with concurrent SDRAM access. X X SMC 16.1 SMC_WPSR Register Write Protection When the write protection feature is enabled and a write attempt into a protected register is performed, the Write Protection Violation Source (WPVSRC) bit field in the SMC_WPSR register does not report the right violation source. X SSC 17.1 Inverted Left/Right Channels When the SSC is in Slave mode, the TF signal is derived from the codec and not controlled by the SSC. X SSC 17.2 Unexpected TD Output Delay An unexpected delay on TD output may occur when the SSC is configured under certain conditions. X X SUPC 18.1 Write-Protection The SUPC_WUIR register is not write- protected. X X SUPC 18.2 Programmable Clock Controller Programmable Clock Outputs, PCK0– PCK2, selected from the clock generator outputs to drive the device PCK pins are not supported and should not be used. X X TWIHS 19.1 I2C Hold Timing Incompatibility The TWIHS module is not compatible with I2C hold timing. X X TWIHS 19.2 Clear Command A bus reset using the CLEAR bit of the TWIHS Control register does not work correctly during a bus busy state. X X USART 20.1 Flow Control with DMA The RTS signal is not connected to the DMA. Therefore, when DMA is used, Flow Control is not supported. X X SAM E70/S70/V70/V71 Family Silicon Issue Summary © 2018 Microchip Technology Inc. Datasheet Errata DS80000767C-page 9 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |