Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAMV70Q20 Datasheet(PDF) 20 Page - Microchip Technology

Part # SAMV70Q20
Description  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMV70Q20 Datasheet(HTML) 20 Page - Microchip Technology

Back Button SAMV70Q20 Datasheet HTML 16Page - Microchip Technology SAMV70Q20 Datasheet HTML 17Page - Microchip Technology SAMV70Q20 Datasheet HTML 18Page - Microchip Technology SAMV70Q20 Datasheet HTML 19Page - Microchip Technology SAMV70Q20 Datasheet HTML 20Page - Microchip Technology SAMV70Q20 Datasheet HTML 21Page - Microchip Technology SAMV70Q20 Datasheet HTML 22Page - Microchip Technology SAMV70Q20 Datasheet HTML 23Page - Microchip Technology SAMV70Q20 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
10.
Controller Area Network (MCAN)
10.1
Non-ISO Operation
The default frame format on Revision A silicon does not match the default format specified in the current
device data sheet.
Workaround
To retain Revision A behavior, set the MCAN_CCCR.NISO bit to '1'.
Affected Silicon Revisions
A
B
X
10.2
MCAN_CCCR Register
In Revision A silicon, the MCAN CC Control register content does not match the content of the current
device data sheet.
•
NISO bit is missing
•
EFBI bit is named FDBS
•
PXHD bit is named FDO
•
BRSE bit and FDOE bit are named CME[1:0]
•
CMR[1:0] bits are present
Workaround
None.
Affected Silicon Revisions
A
B
X
10.3
Transmitter Delay Compensation Value (TDCV) Bits
In Revision A silicon, the Transmitter Delay Compensation Value (TDCV) bit field does not match the
content in the current device data sheet.
In Revision A silicon, the TDCV bits are located in the MCAN_TEST register.
In the current device data sheet, the TDCV bits are located in the MCAN_PSR register.
Workaround
None.
SAM E70/S70/V70/V71 Family
Controller Area Network (MCAN)
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com