Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT79L71IB Datasheet(PDF) 31 Page - Exar Corporation

Part # XRT79L71IB
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 31 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 27Page - Exar Corporation XRT79L71IB Datasheet HTML 28Page - Exar Corporation XRT79L71IB Datasheet HTML 29Page - Exar Corporation XRT79L71IB Datasheet HTML 30Page - Exar Corporation XRT79L71IB Datasheet HTML 31Page - Exar Corporation XRT79L71IB Datasheet HTML 32Page - Exar Corporation XRT79L71IB Datasheet HTML 33Page - Exar Corporation XRT79L71IB Datasheet HTML 34Page - Exar Corporation XRT79L71IB Datasheet HTML 35Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 441 page
background image
áç
áç
áç
áç
PRELIMINARY
XRT79L71
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.3
19
R3
TxUPrty/
TxPPrty
I
Transmit UTOPIA Data Bus - Parity Input/Transmit POS-PHY Interface - Par-
ity Input:
The function of this input pin depends upon whether the XRT79L71 has been
configured to operate in the ATM UNI or PPP Mode.
ATM UNI Mode - TxUPrty:
The ATM Layer processor will apply the parity value of the byte or word which is
being applied to the Transmit UTOPIA Data Bus (e.g., TxUData[7:0] or TxU-
Data[15:0]) inputs of the XRT79L71, respectively.
NOTE: This parity value should be computed based upon the odd-parity of the
data applied at the Transmit UTOPIA Data Bus.
The Transmit UTOPIA Interface block within the XRT79L71 will independently
compute an odd-parity value of each byte (or word) that it receives from the ATM
Layer processor and will compare it with the logic level of this input pin.
PPP Mode - TxPPrty:
The Link Layer Processor will apply the parity value of the byte or word which is
being applied to the Transmit POS-PHY Data Bus (e.g., TxPData[7:0] or TxP-
Data[15:0]) inputs of the XRT79L71, respectively.
NOTE: This parity value should be computed based upon the odd-parity of the
data applied to the Transmit POS-PHY Data Bus. The Transmit POS-
PHY Interface block within the XRT79L71 will independently compute an
odd-parity value of each byte (or word) that it receives from the Link
Layer processor and will compare it will the logic level of this input pin.
M4
TxUEN/
TxPEN
I
Transmit UTOPIA Interface Block - Write Enable/Transmit POS-PHY Interface -
Write Enable:
The function of this input pin depends upon whether the XRT79L71 has been
configured to operate in the ATM UNI or PPP Mode.
ATM UNI Mode Operation - TxUEN:
This active-low signal, from the ATM Layer processor enables the data on the
Transmit UTOPIA Data Bus to be written into the TxFIFO on the rising edge of
TxUClk. When this signal is asserted, then the contents of the byte or word that
is present, on the Transmit UTOPIA Data Bus, will be latched into the Transmit
UTOPIA Interface block, on the rising edge of TxUClk.
When this signal is negated, then the Transmit UTOPIA Data bus inputs will be
tri-stated.
PPP Mode Operation - TxPEN:
This active-low signal, from the Link Layer processor enables the data on the
Transmit POS-PHY Data Bus to be written into the TxFIFO on the rising edge of
TxPClk. When this signal is asserted, then the contents of the byte or word that
is present, on the Transmit POS-PHY Data Bus, will be latched into the Transmit
POS-PHY Interface block, on the rising edge of TxPClk.
When this signal is negated, then the Transmit POS-PHY Data bus inputs will be
tri-stated.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com