Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMBF5913B Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # SMBF5913B
Description  Silicon Planar Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

SMBF5913B Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  SMBF5913B Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, SMBF5913B Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, SMBF5913B Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, SMBF5913B Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, SMBF5913B Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.pingjingsemi.com
Revision:1.0
Dec-2017
1 /
5
Features
• Total power dissipation: Max. 3 W.
• Wide zener reverse voltage range 3.3V to 200V.
• Small plastic package suitable for surface mounted design.
Mechanical Data
• Case: SMBF
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 27mg 0.00095oz
Absolute Maximum Ratings and Characteristics
Ratings at 25
℃ ambient temperature unless otherwise specified.
Parameter
SYMBOL
VALUE
UNIT
Power Dissipation at TC=75
℃
PD
3
W
Typical Thermal Resistance Junction to Case
RθJC
25
℃/W
Maximum Forward Voltage at IF=0.2A
VF
1.2
V
Junction Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
SMBF5913B THRU SMBF5956B
Silicon Planar Zener Diodes
PINNING
1
2
Simplified outline SMBF and symbol
PIN
DESCRIPTION
Cathode
Anode
1
2


Similar Part No. - SMBF5913B

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMBF51 SUNMATE-SMBF51 Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
GOOD-ARK Electronics
SMBF5100S GOOD-ARK-SMBF5100S Datasheet
383Kb / 4P
Surface Mount Schottky Rectifier
SMBF5100SL GOOD-ARK-SMBF5100SL Datasheet
387Kb / 4P
Surface Mount Schottky Rectifier
SMBF5150S GOOD-ARK-SMBF5150S Datasheet
385Kb / 4P
Surface Mount Schottky Rectifier
logo
SUNMATE electronic Co.,...
SMBF51A SUNMATE-SMBF51A Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SMBF5913B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com