Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

75-DBFE Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # 75-DBFE
Description  Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

75-DBFE Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  75-DBFE Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. 75-DBFE Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. 75-DBFE Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. 75-DBFE Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. 75-DBFE Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd. 75-DBFE Datasheet HTML 6Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
● Safety: UL8750 ,Type TL, Type HL
● EMI: FCC / CE
● IP 67 Compliant
● Warranty: 5 years (refer to warranty policy)
● RoHS Compliant
100VAC 120VAC 200VAC 277VAC 100VAC 120VAC 200VAC 277VAC
85.0%
86.0%
88.0%
89.0%
0.99
0.98
0.96
0.92
86.0%
86.0%
89.0%
89.0%
0.99
0.98
0.96
0.92
86.0%
87.0%
89.0%
90.0%
0.99
0.98
0.96
0.92
86.0%
87.0%
89.0%
90.0%
0.99
0.98
0.96
0.92
86.0%
88.0%
89.0%
90.0%
0.99
0.98
0.96
0.92
Units
Vac
Hz
A
A
mA
%
Units
%
%
%
V
s
Units
Units
℃
%RH
℃
℃
%RH
g
DC OUTPUT
VOLTAGE
(V)
MODEL
DC OUTPUT
POWER
(W)
DBFE-075U322
76.8
1.4
26-48
1.6
DBFE-075U162
75.6
DBFE-075U142
Input Voltage Range
±5%
90
Power Supply
75-DBFE Series
PRODUCT SPECIFICATION
● Flicker Free
● High Operating Ambient Temp.: -40℃~+55℃
76.8
OUTPUT
CURRENT
(A)
Non-condensing
±5%
15-24
20
Output Specifications
DBFE-075U212
EFFICIENCY (Typ.)
3.2
75.6
2.1
±5%
±5%
1.8
22-36
30-54
Input Specifications
Min.
Max.
Conditions/Description
Typ.
90
305
Input Frequency Range
47
63
Input Current
1
100VAC in
Inrush Current
65
230VAC in,25℃ Cold start
Leakage Current
0.75
277VAC in
Power Factor (PF)
0.9
100-277VAC,100% load
Total Harmonics Distortion (THD)
Min.
Max.
Conditions/Description
±3
Typ.
0.54
20MHz Bandwidth. See note (3)
Ripple Current
<8% of rated output current
*Measured at electronic load LED mode and nominal input voltage with
DC10V dimming.
Load Regulation
±3
5
Auto recovery
Turn-on Delay Time
1
*Measured at 100-277VAC and at full load
Protection Functions
Over Voltage Protection
Latching,See individual models OVP levels
Min.
Max.
Conditions/Description
Typ.
Short Circuit Protection
Operating Humidity
10
Over Temp Protection (Tc)
Latching,re-power on to recover
Environmental Conditions
Max.
Conditions/Description
Operating Temperature (Ta)
-40
55
Non-condensing
Operating Case Temperature (Tc)
90
Case temperature measured at the case hot spot
Measured at 100Vac,Ta 55℃
Storage Temperature
-40
80
Non-condensing
Storage Humidity
10
95
Non-condensing
DBFE-075U182
75.6
24-42
±2.5
Output Current Regulation
-5
Ripple and Noise (pk-pk)
Line Regulation
Typ.
Min.
Life Time
Measured at 277Vac, 45,000 hours at Tc 75°C for DBFE-075U142
Dimensions(L*W*H)
232 * 46.5 * 31 mm
9.13 * 1.83 * 1.22 inch
Weight
690
FEATURES:
Power Factor (Typ.)
±5%
OUTPUT
CURRENT
TOLERANCE
● AC Input 100~277VAC
● Built-in Active PFC Function
● Protection: SCP / OVP / OTP
● 0V-10V Dimming
● Surge protection: L-N 6KV, L-FG/N-FG 4KV
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Similar Part No. - 75-DBFE

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
75-137-760-X ATM-75-137-760-X Datasheet
73Kb / 1P
OUTLINE, WR75 VERY HIGH POWER TERMINATION
logo
Amphenol Corporation
75-190012-3H AMPHENOL-75-190012-3H Datasheet
2Mb / 73P
Type Standard Cylindrical Connectors
75-190012-3H AMPHENOL-75-190012-3H Datasheet
2Mb / 73P
MS/Standard MS3106E/F straight plug
75-190012-3P AMPHENOL-75-190012-3P Datasheet
2Mb / 73P
Type Standard Cylindrical Connectors
75-190012-3S AMPHENOL-75-190012-3S Datasheet
2Mb / 73P
Type Standard Cylindrical Connectors
More results

Similar Description - 75-DBFE

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
Power Supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
Power supply
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
Power supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com