Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB14S-PJ Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MB14S-PJ
Description  SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MB14S-PJ Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MB14S-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MB14S-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MB14S-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB14S
-PJ thru MB120S-PJ
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
Forward Current-1A
Reverse Voltage-40V to 200V
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
℃ ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derating by 20 %
.
PARAMETER
SYMBOL MB14S
-PJ MB16S-PJ MB18S-PJ MB110S-PJ MB115-PJ MB120S-PJ
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
40
60
80
100
150
200
V
Maximum RMS Voltage
VRMS
28
42
56
70
105
140
V
Maximum DC Blocking Voltage
VDC
40
60
80
100
150
200
V
Maximum Average Forward Rectified Current
at Tc = 100 °C
IF(AV)
1.0
A
Peak Forward Surge Current (Note1)
IFSM
40
30
A
Maximum Forward Voltage at 1.0 A
VF
0.55
0.70
0.85
0.90
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage TA=25
℃
TA=100
℃
IR
0.3
10
0.2
5
0.1
2
mA
Typical Junction Capacitance (Note2)
CJ
110
80
pF
Typical Thermal Resistance (Note3)
RθJA
100
℃/W
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Notes: 1. Measured at 8.3 ms single half sine wave superimposed on rated load (JEDEC Method).
2. Measured at 1MHz and applied reverse voltage of 4 V D.C.
3. Mounted on glass epoxy PC board with 1.5"×1.5"(3.81×3.81 cm)copper pad.
FEATURES
 For surface mount applications
 Glass passivated chip junction
 Reverse voltage: 40V to 200V
 Forward current: 1A
 High surge current capability
PIN
DESCRIPTION
1
Input Pin(~)
2
Input Pin(~)
3
Output Anode(+)
4
Output Cathode(-)
MECHANICAL DATA
Case: MBS molded plastic body
 Terminals:Solderable per MIL-STD-750, Method 2026
Weight: Approximated 0.1 grams
PIN
NING
MBS Package
1
2
3
4
1 / 3
www.pingjingsemi.com
Revi
sion:1.0 Oct-2017


Similar Part No. - MB14S-PJ

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MB14S-MBS YFWDIODE-MB14S-MBS Datasheet
433Kb / 3P
1A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Micro Commercial Compon...
MB14S-TP MCC-MB14S-TP Datasheet
400Kb / 3P
1 Amp Surface Mount Schottky Bridge Rectifier 20 to 100 Volts
More results

Similar Description - MB14S-PJ

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
CS10S DIOTEC-CS10S_07 Datasheet
115Kb / 2P
Surface Mount Schottky-Bridge-Rectifiers
logo
Bruckewell Technology L...
MB22S BWTECH-MB22S Datasheet
346Kb / 4P
Surface Mount Schottky Bridge Rectifiers
MB12S BWTECH-MB12S_15 Datasheet
443Kb / 4P
Surface Mount Schottky Bridge Rectifiers
logo
Guangdong Juxing Electr...
KMB12J JUXING-KMB12J Datasheet
755Kb / 3P
Surface Mount Schottky Bridge Rectifiers
logo
Dongguan Pingjingsemi T...
MB14F-PJ PJSEMI-MB14F-PJ Datasheet
253Kb / 3P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
TB14F-PJ PJSEMI-TB14F-PJ Datasheet
453Kb / 3P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
KMB12F JUXING-KMB12F_V01 Datasheet
1Mb / 2P
Surface Mount Schottky Bridge Rectifiers
KMB12J JUXING-KMB12J_V01 Datasheet
957Kb / 3P
Surface Mount Schottky Bridge Rectifiers
KMB22F JUXING-KMB22F_V01 Datasheet
951Kb / 2P
Surface Mount Schottky Bridge Rectifiers
logo
Shanghai Leiditech Elec...
KMB12F-S LEIDITECH-KMB12F-S Datasheet
706Kb / 3P
Surface Mount Schottky Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com