Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7C331MPFD32A-166TQC Datasheet(PDF) 18 Page - Alliance Semiconductor Corporation

Part # AS7C331MPFD32A-166TQC
Description  3.3V 1M x 32/36 pipelined burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C331MPFD32A-166TQC Datasheet(HTML) 18 Page - Alliance Semiconductor Corporation

Back Button AS7C331MPFD32A-166TQC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C331MPFD32A-166TQC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C331MPFD32A-166TQC Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C331MPFD32A-166TQC Datasheet HTML 14Page - Alliance Semiconductor Corporation AS7C331MPFD32A-166TQC Datasheet HTML 15Page - Alliance Semiconductor Corporation AS7C331MPFD32A-166TQC Datasheet HTML 16Page - Alliance Semiconductor Corporation AS7C331MPFD32A-166TQC Datasheet HTML 17Page - Alliance Semiconductor Corporation AS7C331MPFD32A-166TQC Datasheet HTML 18Page - Alliance Semiconductor Corporation AS7C331MPFD32A-166TQC Datasheet HTML 19Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
®
AS7C331MPFD32A
AS7C331MPFD36A
2/10/05, v.1.1
Alliance Semiconductor
18 of 19
Ordering information
Note:
Add suffix ‘N’ to the above part numbers for lead free parts (Ex AS7C331MPFD32A-200TQC
N)
Part numbering guide
1. Alliance Semiconductor SRAM prefix
2. Operating voltage: 33 = 3.3V
3. Organization: 1M = 1Meg
4. Pipelined mode
5. Deselect: D = Double cycle deselect
6. Organization: 32 = x 32; 36 = x 36
7. Production version: A = first production version
8. Clock speed (MHz)
9. Package type: TQ = TQFP
10. Operating temperature: C = commercial (0
° C to 70° C); I = industrial (-40° C to 85° C)
11. N = Lead Free Part
Package & Width
-200
-166
-133
TQFP x32
AS7C331MPFD32A-200TQC
AS7C331MPFD32A-166TQC
AS7C331MPFD32A-133TQC
AS7C331MPFD32A-200TQI
AS7C331MPFD32A-166TQI
AS7C331MPFD32A-133TQI
TQFP x36
AS7C331MPFD36A-200TQC
AS7C331MPFD36A-166TQC
AS7C331MPFD36A-133TQC
AS7C331MPFD36A-200TQI
AS7C331MPFD36A-166TQI
AS7C331MPFD36A-133TQI
AS7C
33
1M
PF
D
32/36
A
–XXX
TQ
C/I
X
1
23
45678
910
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com