Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRT1237-50R Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # LRT1237-50R
Description  Balun Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LRT1237-50R Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LRT1237-50R Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LinkCom Manufacturing Co.,Ltd
LRT1237-50R
Return Loss
Insertion Loss
Rev.A
Balun Transformer
RoHS Compliant
Operating Temperature -40°C to +85°C
Storage Temperature -40°C to +85°C
Electrical Specifications @25℃
Inductance
PIN 1-4 = 200uH Min. @ 100kHz/0.1V/Series (2-3 shorted)
Turn Ratio:
PIN 8-5 : PIN 1-4 = 1.15±2% : 1 (2-3, 6-7 shorted)
Hi-POT
PRI. – SEC. = 3000VAC/1Sec/1mA
Dimensions
(Units:
Inches
mm
, Unless otherwise specified, all tolerances are ±
.010
0.25
)
Schematic
Mark
1. Part Number----LRT1237
2. X----PRODUCT LINE OR BLANK
3. DATE CODE----YYWW
4.SS----50
5. G----RoHS
Package info
LRT1237-50R - Tape Reel
75ohm
100ohm
PIN1
.005/0.12
SUGGESTED PAD LAYOUT
TOP VIEW
A
B
D
C
1
4
5
8
E
.358
9.10
.195
4.95
.079
2.00
.039
1.00
.217
5.50
Max.
.079
2.00
.016
0.40
.234
5.95
Ref.
.354
9.00
Max.
.331
8.40
Max.
.319
8.10
Ref.
4xRound.008
0.20
4
2
3
1
5
7
6
8


Similar Part No. - LRT1237-50R

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LRT1233-50R LINKCOM-LRT1233-50R Datasheet
87Kb / 1P
RF Transformer
LRT1235-50R LINKCOM-LRT1235-50R Datasheet
79Kb / 1P
Balun Transformer
LRT1236-50R LINKCOM-LRT1236-50R Datasheet
84Kb / 1P
Balun Transformer
LRT1238-50R LINKCOM-LRT1238-50R Datasheet
64Kb / 1P
Balun Transformer
More results

Similar Description - LRT1237-50R

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CX2155NL PULSE-CX2155NL Datasheet
115Kb / 1P
BALUN TRANSFORMER
CX2045LNL PULSE-CX2045LNL Datasheet
153Kb / 2P
BALUN TRANSFORMER
CX2049LNL PULSE-CX2049LNL Datasheet
100Kb / 1P
BALUN TRANSFORMER
logo
Raltron Electronics Cor...
RBL-5400-2012-W-TR RALTRON-RBL-5400-2012-W-TR Datasheet
224Kb / 3P
BALUN TRANSFORMER
logo
LinkCom Manufacturing C...
LRT1236-50R LINKCOM-LRT1236-50R Datasheet
84Kb / 1P
Balun Transformer
logo
SJM Prewell. All Rights...
PB1T1A SJM-PB1T1A Datasheet
266Kb / 2P
Transformer / Balun
PB411C SJM-PB411C Datasheet
267Kb / 3P
Transformer /Balun
PBI11S SJM-PBI11S Datasheet
335Kb / 2P
Transformer /Balun
PBI21S SJM-PBI21S Datasheet
339Kb / 2P
Transformer / Balun
PBR11S SJM-PBR11S Datasheet
341Kb / 2P
Transformer /Balun
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com