Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7C331MFT36A-75TQIN Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C331MFT36A-75TQIN
Description  3.3V 1M x 32/36 Flow-through synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C331MFT36A-75TQIN Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C331MFT36A-75TQIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C331MFT36A-75TQIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C331MFT36A-75TQIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C331MFT36A-75TQIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C331MFT36A-75TQIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C331MFT36A-75TQIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C331MFT36A-75TQIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C331MFT36A-75TQIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C331MFT36A-75TQIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
December 2004
Copyright © Alliance Semiconductor. All rights reserved.
®
12/23/04, v 1.3
Alliance Semiconductor
1 of 19
3.3V 1M
× 32/36 Flow-through synchronous SRAM
AS7C331MFT32A
AS7C331MFT36A
Features
• Organization: 1,048,576 words × 32 or 36 bits
• Fast clock to data access: 7.5/8.5/10 ns
•Fast OE access time: 3.5/4.0 ns
• Fully synchronous flow-through operation
• Asynchronous output enable control
• Available in 100-pin TQFP package
• Individual byte write and global write
• Multiple chip enables for easy expansion
• 3.3V core power supply
• 2.5V or 3.3V I/O operation with separate VDDQ
• Linear or interleaved burst control
• Snooze mode for reduced power-standby
• Common data inputs and data outputs
Logic block diagram
Selection guide
-75
-85
-10
Units
Minimum cycle time
8.5
10
12
ns
Maximum clock access time
7.5
8.5
10
ns
Maximum operating current
325
300
275
mA
Maximum standby current
140
130
130
mA
Maximum CMOS standby current (DC)
90
90
90
mA
A[19:0]
20
18
20
20
Q0
Q1
1M × 32/36
Memory
array
Burst logic
CLK
CLR
CE
Address
DQ
CE
CLK
DQd
CLK
DQ
Byte write
registers
register
DQc
CLK
DQ
Byte write
registers
DQb
CLK
DQ
Byte write
registers
DQa
CLK
DQ
Byte write
registers
Enable
CLK
DQ
register
Enable
CLK
DQ
delay
register
CE
Output
registers
Input
registers
Power
down
DQ[a:d]
4
32/36
GWE
BWE
BWd
ADV
ADSC
ADSP
CLK
CE0
CE1
CE2
BWc
BWb
BWa
OE
ZZ
LBO
OE
CLK
CLK
32/36
32/36
2
2


Similar Part No. - AS7C331MFT36A-75TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C331MFT18A-10BC ALSC-AS7C331MFT18A-10BC Datasheet
512Kb / 19P
3.3V 1M x 18 Flow-through synchronous SRAM
AS7C331MFT18A-10BCN ALSC-AS7C331MFT18A-10BCN Datasheet
512Kb / 19P
3.3V 1M x 18 Flow-through synchronous SRAM
AS7C331MFT18A-10BI ALSC-AS7C331MFT18A-10BI Datasheet
512Kb / 19P
3.3V 1M x 18 Flow-through synchronous SRAM
AS7C331MFT18A-10BIN ALSC-AS7C331MFT18A-10BIN Datasheet
512Kb / 19P
3.3V 1M x 18 Flow-through synchronous SRAM
AS7C331MFT18A-10TQC ALSC-AS7C331MFT18A-10TQC Datasheet
512Kb / 19P
3.3V 1M x 18 Flow-through synchronous SRAM
More results

Similar Description - AS7C331MFT36A-75TQIN

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V433 IDT-IDT71V433 Datasheet
261Kb / 19P
32K x 32 3.3V Synchronous SRAM Flow-Through Outputs
logo
Alliance Semiconductor ...
AS7C251MFT32A ALSC-AS7C251MFT32A Datasheet
520Kb / 19P
2.5V 1M x 32/36 Flow-through synchronous SRAM
AS7C331FT18A ALSC-AS7C331FT18A Datasheet
512Kb / 19P
3.3V 1M x 18 Flow-through synchronous SRAM
AS7C331MPFD32A ALSC-AS7C331MPFD32A Datasheet
525Kb / 19P
3.3V 1M x 32/36 pipelined burst synchronous SRAM
AS7C331MPFS32A ALSC-AS7C331MPFS32A Datasheet
525Kb / 19P
3.3V 1M x 32/36 pipelined burst synchronous SRAM
AS7C3364FT32B ALSC-AS7C3364FT32B Datasheet
417Kb / 19P
3.3V 64K x 32/36 Flow Through Synchronous SRAM
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
3.3V 128K x 32/36 Flow Through Synchronous SRAM
AS7C33256FT32A ALSC-AS7C33256FT32A Datasheet
522Kb / 19P
3.3V 256K x 32/36 Flow-through synchronous SRAM
AS7C33512FT32A ALSC-AS7C33512FT32A Datasheet
523Kb / 19P
3.3V 512K x 32/36 Flow-through synchronous SRAM
logo
Cypress Semiconductor
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
36-Mbit (1M 횞 36) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com