Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVI-EM2COMIF Datasheet(PDF) 4 Page - Intel Corporation

Part # EVI-EM2COMIF
Description  Intel짰 Enpirion짰 Power Solutions EM2130x0xQI 30A PowerSoC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EVI-EM2COMIF Datasheet(HTML) 4 Page - Intel Corporation

  EVI-EM2COMIF Datasheet HTML 1Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 2Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 3Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 4Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 5Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 6Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 7Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 8Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Data Sheet | Intel Enpirion Power Solutions: EM2130
Page 4
Pin Description
Table 2
PIN
NAME
I/O
FUNCTION
1,2,3,
79-101
VOUT
Regulated
Output
Regulated output voltage. Decouple to PGND with appropriate filter capacitors
4
RVSET
Analog
I/O
A resistor from RVSET to AGND; and can be used to program the VOUT set-point.
Using 1% tolerance or better resistor. See Table 8 and Table 9 for more
information.
5
RTUNE
Analog
I/O
A resistor from RTUNE to AGND; and can be used to tune the transient
compensator for the amount of output capacitance. Using 1% tolerance or better
resistor. See Table 10 and
Table 11 for more information.
6
VINSEN
Analog
Input
Single-ended input voltage sense (relative to AGND).
7
ADDR1
Analog
I/O
A resistor from ADDR1 to AGND; and can be used to set the PMBus™ address. Use
a 1% tolerance or better resistor.
8
ADDR0
Analog
I/O
A resistor from ADDR0 to AGND; and can be used to set the PMBus™ address. Use
a 1% tolerance or better resistor.
9
PWM
PWM
PWM signal test pin.
10
SYNC
Digital I/O PWM synchronization signal
11
POK
Digital I/O Power OK is selectable as a push-pull output or an open drain transistor for
power system state indication. See the Power OK description for details.
12
CTRL
Digital
Input
PMBus-compatible control pin with programmable functionality. CTRL should
never be left floating if enabled in Configuration. The default configuration is for
VOUT to be on with CTRL high (positive edge)
13
SALRT
Digital
Output
PMBus™ alert line.
14
SDA
Digital I/O PMBus™ serial data I/O.
15
SCL
Digital I/O PMBus™ serial clock input.
16
VDD33
Output
3.3V output of the internal LDO. May be used as pull-up supply for PMBus™ pins
and CTRL pin.
17-21,
61-64,
103
PVIN
Input
Supply
Input supply for MOSFET switches. Decouple to PGND with appropriate filter
capacitors. Refer to Recommended Application Circuit section for more details.
22-60,
104
PGND
Ground
Power ground. Ground for MOSFET switches.
65
PVCC
Input
Supply
5.0V supply voltage for driver circuitry. Decouple to GND using a 2.2µF MLCC high
quality ceramic capacitor.
66
VCC
Input
Supply
5.0V supply voltage for analog circuitry.
67,68,
73-76
NC
NC
No connect. Do not connect to any signal, supply, or ground.
69
DGND
Ground
Digital ground. Connect to AGND pin directly.
12873
April 10, 2020
Rev I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com