Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP64933 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP64933
Description  36V/3.6A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP64933 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP64933 Datasheet HTML 1Page - Lowpower Semiconductor inc LP64933 Datasheet HTML 2Page - Lowpower Semiconductor inc LP64933 Datasheet HTML 3Page - Lowpower Semiconductor inc LP64933 Datasheet HTML 4Page - Lowpower Semiconductor inc LP64933 Datasheet HTML 5Page - Lowpower Semiconductor inc LP64933 Datasheet HTML 6Page - Lowpower Semiconductor inc LP64933 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
数据手册
LP64933
电气参数
(TA=25℃,VIN=12V,除非特别注明)
参数
符号
测试条件
最小值 标准值 最大值
单位
工作电流
IQ
开环,VFB=0.8V
0.73
1
mA
ISW
闭环, Iload=0A
10
20
mA
输入欠压保护电压
VIN_UVLO
6.6
7.3
8
V
输入欠压保护迟滞电压
VIN_HYS
1
V
开关频率
fSW
VFB=0.6V
180
KHz
最大占空比
DMAX
98
%
FB 基准电压
VFB
0.588
0.6
0.612
V
OVP 保护点
VOVP
0.72
V
CS 基准电压
VCS
54
56
58
mV
线路补偿电流
IFB
1.5
uA
电流限制
ILIMIT
4.7
A
上管 MOS 内阻
RDS(ON_H
48
下管 MOS 内阻
RDS(ON_L
22
过温保护温度
TOTP
150
过温保护迟滞温度
TOTP_HYS
15
LP64933-00
Apr.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com