Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM114 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DM114
Description  8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM114 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DM114 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DM114
、DM115
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8-BIT CONSTANT CURRENT LED DRIVERS with 3.3V~5V supply voltage
Version:A.002
Page 1
Preliminary
DM114、DM115
8-Bit CONSTANT CURRENT LED DRIVERS with
3.3v ~ 5v Supply Voltage
General Description
The DM114、DM115 is the constant current driver specifically designed for LED display
applications. The value of constant current can be varied using an external resistor. The devices
include an 8-bit shift register, latches, and constant current drivers on a single Silicon CMOS chip.
Features
Maximum Output Voltage:
17V
Maximum Clock Frequency: 25MHz (Cascade Operation)
Power Supply Voltage:
3.3V to 5.0V
CMOS Compatible Input
Package:
PDIP16, SOP16, SSOP16
Package and Pin Layout:
Pin layout and functionality are similar to those of the ST2221A.
(Each characteristic value is different.)
Constant Current Matching: (Ta = 25
°C、VDD = 5.0V)
Chip-to-Chip:
± 10.0%
DM114: Bit-to-Bit:
± 4.0% @ IOUT = 30 ~ 90mA
± 6.0% @ IOUT = 20 ~ 30mA
DM115: Bit-to-Bit:
± 4.0% @ IOUT = 20 ~ 60mA
± 6.0% @ IOUT = 5 ~ 20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com