Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3310QVF Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP3310QVF
Description  High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3310QVF Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP3310QVF Datasheet HTML 1Page - Lowpower Semiconductor inc LP3310QVF Datasheet HTML 2Page - Lowpower Semiconductor inc LP3310QVF Datasheet HTML 3Page - Lowpower Semiconductor inc LP3310QVF Datasheet HTML 4Page - Lowpower Semiconductor inc LP3310QVF Datasheet HTML 5Page - Lowpower Semiconductor inc LP3310QVF Datasheet HTML 6Page - Lowpower Semiconductor inc LP3310QVF Datasheet HTML 7Page - Lowpower Semiconductor inc LP3310QVF Datasheet HTML 8Page - Lowpower Semiconductor inc LP3310QVF Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LP3310-00
Jan.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 9
Preliminary Datasheet
LP3310
Layout Consideration
For best performance of the LP3310, the following
guidelines must be strictly followed.
Input and Output capacitors should be placed
close to the IC and connected to ground plane to
reduce noise coupling.
The GND and Exposed Pad should be
connected to a strong ground plane for heat
sinking and noise protection.
Keep the main current traces as possible as
short and wide.
LX node of DC-DC converter is with high
frequency voltage swing. It should be kept at a
small area.
Place the feedback components as close as
possible to the IC and keep away from the noisy
devices.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum operation junction temperature. The
maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference
between junction to ambient.
The maximum power dissipation can be calculated
by following formula:
PD(MAX) = ( TJ(MAX) - TA ) / qJA
Where TJ(MAX) is the maximum operation junction
temperature. TA is the ambient temperature and the
qJA is the junction to ambient thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com