Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BB-485LDRC9. Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # BB-485LDRC9.
Description  Industrial Isolated Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-485LDRC9. Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  BB-485LDRC9. Datasheet HTML 1Page - Advantech Co., Ltd. BB-485LDRC9. Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All product specifications are subject to change without notice.
www.advantech-bb.com
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
Industrial Isolated Converter
Model 485LDRC9
The 485LDRC9 is an optically isolated RS-232 to RS-422/485 converter.
RS-232 signals interface through a DB9 female connector or a terminal block.
RS-422/485 signals and power inputs connect to the terminal block. Terminal
blocks are arranged to allow easy wiring inside a control panel.
Built-in Automatic Send Data Control circuitry allows quick set-up and eliminates
the need for external software drivers to control handshake signals. The
converter operates on externally sourced 10-30 VDC power.
Optically isolated data lines (2,000 V on input/output) with 500W surge
suppression ensure that connected equipment is protected even in the harshest
environments. DIN rail mount design snaps on standard 35mm rail and a small
form factor fits neatly into tight cabinets.
The 485LDRC9 is ideal for critical industrial communications, factory
automation, in-cabinet conversion, warehouse automation, security, and many
other applications.
• Extend data up to 1.2 km (4,000 ft.)
• 2 kV optical isolation on input/output
• Wide operating temperature (-40 to +80 °C)
• 115.2 kbps data rate
• Modbus compatible
• UL Recognized, NEMA TS2
• Automatic Send Data Control
PRODUCT FEATURES
ACCESSORIES
MDR-20-24 - PS, DIN, SLIM, PLASTIC, 24W, 24V
9PAMF6 - 6 ft. (1.8 m) 232 DB9 male to DB9 female serial cable
SPECIFICATIONS
SERIAL TECHNOLOGY
Data Rate
115.2 kbps
RS-232 - 2 options
Option 1: Connector
DB9 Female (DCE)
Option 1: Signals
TD, RD, GND
Option 2: Connector
Terminal block
Option 2: Signals
TD, RD, GND
RS-422
Connector
Terminal block
Signals
TDA(-), TDB(+), RDA(-), RDB(+), GND
Termination
120 (switchable)
RS-485
Connector
Terminal block
Signals
TDA(-), TDB(+), RDA(-), RDB(+), GND
Modes
2-wire and 4-wire
Termination
120 Ohm (switchable)
ISOLATION
Lines Protected
Data lines
Method
Optical
Rating
2,000 V
SURGE SUPPRESSION
Lines Protected
Data lines
Method
TVS
Rating
7.5V bi-directional avalache breakdown device
500W peak power dissipation
Response Time
< 1 pico-second
INDUSTRIAL BUS
Modbus
ASCII/RTU
ORDERING INFORMATION
MODEL NUMBER
RS-232 CONNECTOR
RS-422/485 CONNECTOR
485LDRC9
DB9 Female or Terminal Block
Terminal Blocks
485LDRC9_3316ds


Similar Part No. - BB-485LDRC9.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-485LDRC9 ADVANTECH-BB-485LDRC9 Datasheet
419Kb / 1P
RS-422/485 Converter, Industrial
8-Apr-2021
BB-485LDRC9 ADVANTECH-BB-485LDRC9 Datasheet
1Mb / 7P
Inline, Commercial-grade RS-232 to RS-485 Serial Converters – with port power options
7-Oct-2022
BB-485LDRC9 ADVANTECH-BB-485LDRC9 Datasheet
1Mb / 7P
Inline, Commercial-grade RS-232 to RS-485 Serial Converters – with port power options
27.Dec.2023
More results

Similar Description - BB-485LDRC9.

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
EUS34-096 MURATA-PS-EUS34-096 Datasheet
165Kb / 3P
Isolated Bus Converter
QUS40-096 MURATA-PS-QUS40-096 Datasheet
176Kb / 3P
Isolated Bus Converter
logo
List of Unclassifed Man...
UT503 ETC2-UT503 Datasheet
137Kb / 1P
Industrial Isolated Converter
logo
Red Lion Controls. Inc
SER-485-IR REDLION-SER-485-IR Datasheet
717Kb / 2P
Industrial Isolated Converter
SER-485-IC REDLION-SER-485-IC Datasheet
611Kb / 2P
Industrial Isolated Converter
SER-485-FXC REDLION-SER-485-FXC Datasheet
682Kb / 2P
Industrial Isolated Converter
logo
Level One
IEC-1020 LVL1-IEC-1020 Datasheet
319Kb / 2P
Industrial Media Converter
logo
Advantech Co., Ltd.
BB-485DRCI-PH ADVANTECH-BB-485DRCI-PH Datasheet
374Kb / 2P
Heavy Industrial RS-232 to RS-422/485 Isolated Converter
BB-485OI9TB ADVANTECH-BB-485OI9TB Datasheet
336Kb / 1P
Isolated Serial Converter
logo
Rohm
BD7F200HFN-LB ROHM-BD7F200HFN-LB_V01 Datasheet
1Mb / 30P
Isolated Flyback Converter
09.Dec.2022 Rev.004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com