Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W5200 Datasheet(PDF) 55 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 55 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 51Page - WIZnet Co., Ltd W5200 Datasheet HTML 52Page - WIZnet Co., Ltd W5200 Datasheet HTML 53Page - WIZnet Co., Ltd W5200 Datasheet HTML 54Page - WIZnet Co., Ltd W5200 Datasheet HTML 55Page - WIZnet Co., Ltd W5200 Datasheet HTML 56Page - WIZnet Co., Ltd W5200 Datasheet HTML 57Page - WIZnet Co., Ltd W5200 Datasheet HTML 58Page - WIZnet Co., Ltd W5200 Datasheet HTML 59Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
55
5.2.2 UDP
The UDP is a Connection-less protocol. It communicates without “connection SOCKET.”
The TCP protocol guarantees reliable data communication, but the UDP protocol uses
datagram communication which has no guarantees of data communication. Because the
UDP does not use “connection SOCKET,” it can communicate with many other devices
with the known host IP address and port number. This is a great advantage;
communication with many others by using just one SOCKET, but also it has many
problems such as loss of transmitted data, unwanted data received from others, etc. To
avoid these problems and guarantee reliability, the host retransmits damaged data or
ignores the unwanted data which is received from others. The UDP protocol supports
unicast, broadcast, and multicast communication. It follows the below communication
flow.
Figure 12 UDP Operation Flow
5.2.2.1
Unicast and Broadcast
The unicast is one method of UDP communication. It transmits data to one destination
at one time. On the other hand, the broadcast communication transmits data to all
receivable destinations by using ‘broadcast IP address (255.255.255.255)’. For example,
suppose that the user transmits data to destination A, B, and C. The unicast
communication transmits each destination A, B, and C at each time. At this time, the
ARPTO can also occur when the user gets the destination hardware address of
destinations A, B and C. User cannot transmit data to destinations which have ARPTO.
The broadcast communication can simultaneously transmit data to destination A, B and
C at one time by using “255.255.255.255” or “local address | (~subnet address)” IP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com