Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7C1024B-12STC Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C1024B-12STC
Description  5V 128K X 8 CMOS SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1024B-12STC Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C1024B-12STC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1024B-12STC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1024B-12STC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1024B-12STC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1024B-12STC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1024B-12STC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1024B-12STC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1024B-12STC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1024B-12STC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AS7C1024B
3/26/04, v 1.2
Alliance Semiconductor
P. 3 of 9
®
Capacitance (f = 1 MHz, Ta = 25 °C, VCC = NOMINAL)
2
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE1, CE2, WE, OE
VIN = 0V
5
pF
I/O capacitance
CI/O
I/O
VIN = VOUT = 0V
7
pF
Recommended operating conditions
VIL min = -1.0V for pulse width less than 5ns
VIH max = VCC+2.0V for pulse width less than 5ns.
DC operating characteristics (over the operating range)1
Parameter
Symbol
Min
Nominal
Max
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Input Voltage
VIH
2.2
-
VCC + 0.5
V
VIL
–0.5
–
0.8
V
Ambient operating
temperature
commercial
TA
0–
70
°C
industrial
TA
–40
–
85
°C
Parameter
Sym
Test conditions
-10
-12
-15
-20
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Input leakage
current
|ILI|VCC = Max, VIN = GND to VCC
-
1
–1–
1–
1
µA
Output leakage
current
|ILO|
VCC = Max, CE1 = VIH or
CE2 = VIL, VOUT = GND to VCC
-
1
–1–
1–
1
µA
Operating power
supply current
ICC
VCC = Max, CE1 ≤ VIL,
CE2
≥ V
IH, f = fMax,
IOUT = 0 mA
-
110
–
100
–
90
–
80
mA
Standby power
supply current
ISB
VCC = Max, CE1 ≥ VIH and/or
CE2
≤ V
IL, f = fMax
-
50–45
–
45–40
mA
ISB1
VCC = Max, CE1 ≥ VCC–0.2V
and/or CE2
≤ 0.2V
VIN ≤ 0.2V or
VIN ≥ VCC – 0.2V, f = 0
-
10–10
–
10–10
Output voltage
VOL
IOL = 8 mA, VCC = Min
-
0.4
–
0.4
–
0.4
–
0.4
V
VOH
IOH = –4 mA, VCC = Min
2.4
-
2.4
–
2.4
–
2.4
–



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com